Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15025CATB+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15025CATB+
Description  Single/Dual, 16ns, High Sink/source Current Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15025CATB+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15025CATB+ Datasheet HTML 4Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 5Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 6Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 7Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 8Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 9Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 10Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 11Page - Maxim Integrated Products MAX15025CATB+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
8
_______________________________________________________________________________________
LOGIC INPUT VOLTAGE vs. OUTPUT VOLTAGE
(5nF FALLING)
MAX15024/25 toc10
20ns/div
IN_
1V/div
OUT_
5V/div
MAX15025
LOGIC INPUT VOLTAGE vs. OUTPUT VOLTAGE
(10nF RISING)
MAX15024/25 toc11
20ns/div
IN_
1V/div
OUT_
5V/div
MAX15025
LOGIC INPUT VOLTAGE vs. OUTPUT VOLTAGE
(10nF FALLING)
MAX15024/25 toc12
20ns/div
IN_
1V/div
OUT_
5V/div
MAX15025
PROPAGATION DELAY MISMATCH
vs. TEMPERATURE
TEMPERATURE (
°C)
80
40
0
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
120
LINE REGULATION OF VREG
(PROGRAMMED EXTERNALLY TO 5.04V)
SUPPLY VOLTAGE
25
20
15
10
4.8
4.9
5.0
5.1
5.2
5.3
4.7
530
LOAD REGULATION OF VREG
LOAD CURRENT (mA)
180
160
140
120
100
80
60
40
20
9.5
10.0
10.5
11.0
9.0
0
200
FB/SET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
80
60
40
20
1.232
1.234
1.236
1.238
1.240
1.230
0120
FB/SET CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
80
60
40
20
5
10
15
20
0
0
120
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15025CATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15025CATB+T MAXIM-MAX15025CATB+T Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
More results

Similar Description - MAX15025CATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_11 Datasheet
401Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Rev 3; 4/11
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
List of Unclassifed Man...
UDN-2980A ETC1-UDN-2980A Datasheet
92Kb / 2P
   HIGH-VOLTAGE, HIGH-CURRENT SOURCE DRIVERS
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
[Old version datasheet]   REF200 Dual Current Source and Current Sink
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com