Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16046A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16046A
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16046A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16046A Datasheet HTML 1Page - Maxim Integrated Products MAX16046A Datasheet HTML 2Page - Maxim Integrated Products MAX16046A Datasheet HTML 3Page - Maxim Integrated Products MAX16046A Datasheet HTML 4Page - Maxim Integrated Products MAX16046A Datasheet HTML 5Page - Maxim Integrated Products MAX16046A Datasheet HTML 6Page - Maxim Integrated Products MAX16046A Datasheet HTML 7Page - Maxim Integrated Products MAX16046A Datasheet HTML 8Page - Maxim Integrated Products MAX16046A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
General Description
The MAX16046A/MAX16048A EEPROM-configurable sys-
tem managers monitor, sequence, track, and margin mul-
tiple system voltages. The MAX16046A manages up to
twelve system voltages simultaneously, and the
MAX16048A manages up to eight supply voltages. These
devices integrate an analog-to-digital converter (ADC) for
monitoring supply voltages, digital-to-analog converters
(DAC) for adjusting supply voltages, and configurable out-
puts for sequencing and tracking supplies (during power-
up and power-down). Nonvolatile EEPROM registers are
configurable for storing upper and lower voltage limits,
setting timing and sequencing requirements, and for
storing critical fault data for readback following failures.
An internal 1% accurate 10-bit ADC measures each input
and compares the result to one upper, one lower, and
one selectable upper or lower limit. A fault signal asserts
when a monitored voltage falls outside the set limits. Up
to three independent fault output signals are configurable
to assert under various fault conditions.
The integrated sequencer/tracker allows precise control
over the power-up and power-down order of up to twelve
(MAX16046A) or up to eight (MAX16048A) power sup-
plies. Four channels (EN_OUT1–EN_OUT4) support
closed-loop tracking using external series MOSFETs. Six
outputs (EN_OUT1–EN_OUT6) are configurable with
charge-pump outputs to directly drive MOSFETs without
closed-loop tracking.
The MAX16046A/MAX16048A include twelve/eight inte-
grated 8-bit DAC outputs for margining power supplies
when connected to the trim input of a point-of-load
(POL) module.
The MAX16046A/MAX16048A include six programmable
general-purpose inputs/outputs (GPIOs). GPIOs are
EEPROM configurable as dedicated fault outputs, as a
watchdog input or output (WDI/WDO), as a manual reset
(MR), or for margin control inputs.
The MAX16046A/MAX16048A feature two methods of
fault management for recording information during sys-
tem shutdown events. The fault logger records a failure
in the internal EEPROM and sets a lock bit protecting
the stored fault data from accidental erasure.
An I2C/SMBus™-compatible or a JTAG serial interface
configures the MAX16046A/MAX16048A. These devices
are offered in a 56-pin, 8mm x 8mm TQFN package or a
64-pin, 10mm x 10mm TQFP package and are fully speci-
fied from -40°C to +125°C.
Features
o Operates from 3V to 14V
o 1% Accurate 10-Bit ADC Monitors 12/8 Inputs
o 12/8 Monitored Inputs with 1 Overvoltage/
1 Undervoltage/1 Selectable Limit
o 12/8 8-Bit DAC Outputs for Margining or Voltage
Adjustments
o Nonvolatile Fault Event Logger
o Power-Up and Power-Down Sequencing
Capability
o 12/8 Outputs for Sequencing/Power-Good
Indicators
o Closed-Loop Tracking for Up to Four Channels
o Two Programmable Fault Outputs and One Reset
Output
o Six General-Purpose Input/Outputs Configurable as:
Dedicated Fault Output
Watchdog Timer Function
Manual Reset
Margin Enable Input
o I2C/SMBus-Compatible and JTAG Interface
o EEPROM-Configurable Time Delays, Thresholds,
and DAC Outputs
o 100 Bytes of Internal User EEPROM
o -40°C to +125°C Operating Temperature Range
Applications
Servers
Workstations
Storage Systems
Networking/Telecom
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX16046ACB+
-40°C to +125°C
64 TQFP-EP*
MAX16046ATN+
-40°C to +125°C
56 TQFN-EP*
MAX16048ACB+
-40°C to +125°C
64 TQFP-EP*
MAX16048ATN+
-40°C to +125°C
56 TQFN-EP*
19-5251; Rev 0; 4/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
EVALUATION
KIT
AVAILABLE
SMBus is a trademark of Intel Corp.


Similar Part No. - MAX16046A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046 MAXIM-MAX16046 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16046 MAXIM-MAX16046 Datasheet
1Mb / 25P
   On-Board LDO Regulators and Tracking FETs
Rev 1; 3/09
MAX16046ECB++ MAXIM-MAX16046ECB+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16046ETN++ MAXIM-MAX16046ETN+ Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
More results

Similar Description - MAX16046A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com