Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-P1012-NJL Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # CXA-P1012-NJL
Description  DC-AC INVERTER UNIT 9.0W DUAL OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-P1012-NJL Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  CXA-P1012-NJL Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-P1012-NJL Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-P1012-NJL Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-P1012-NJL Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CXA-P1012-NJL (9.0W DUAL OUTPUTS)
DC-AC INVERTER UNIT
(PRELIMINARY INFORMATION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 1 / 4 )
VER, 04 October 2002
DESCRIPTION:
This DC to AC Inverter was developed for large size LCD panel
as Multiple Media, Replacement of CRT Monitor and other
general Purpose.
APPLICABLE LCD:
9 to 15 inches Double lamp type
Lamp Voltage 600V
Lamp Current 5mA
FEATURES :
High Efficiency (85%)
Fuse protection
Low noise with voltage resonant circuit
8mm Low Profile
TEMPERATURE & HUMDITY :
Operating Temperature Range
-10 °C ~ +60°C
Storage Temperature Range
-30 °C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
Unit:
mm
Weight: 21.0g typ.
130.5 max
1
4
3-
φ2.2±0.1
48±0.2
3±0.3
124±0.2
3
CN2
1
CN3
1
1
CN1
2
CXA-P1012-NJL
LOT. 7X
MADE IN JAPAN
No.
Part Discription
Qty.
M aterial
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1.0mm
2
Connector CN1
1
S5B-PH-SM 3
JST
3
Connector CN2
1
SM02(8.0)B-BHS-1
JST
4
Connector CN3
1
SM02(8.0)B-BHS-1
JST
b
b


Similar Part No. - CXA-P1012-NJL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
More results

Similar Description - CXA-P1012-NJL

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0288-01-X POWER-SYSTEMS-PS-DA0288-01-X Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0125-04 POWER-SYSTEMS-PS-DA0125-04 Datasheet
208Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0207-01 POWER-SYSTEMS-PS-DA0207-01 Datasheet
159Kb / 4P
   DC-AC INVERTER UNIT 6 W DUAL OUTPUTS
PS-DA0211-03 POWER-SYSTEMS-PS-DA0211-03 Datasheet
231Kb / 4P
   DC-AC INVERTER UNIT 11 W DUAL OUTPUTS
PS-DA0245-01 POWER-SYSTEMS-PS-DA0245-01 Datasheet
269Kb / 4P
   DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0253-01-E-B POWER-SYSTEMS-PS-DA0253-01-E-B Datasheet
152Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-03-E-B POWER-SYSTEMS-PS-DA0253-03-E-B Datasheet
367Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-04 POWER-SYSTEMS-PS-DA0253-04 Datasheet
357Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M06D05S3-NJ4L-015 POWER-SYSTEMS-PS-M06D05S3-NJ4L-015 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M05D12S3-NJ4L-012 POWER-SYSTEMS-PS-M05D12S3-NJ4L-012 Datasheet
89Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com