Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP10K Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GP10K
Description  SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GP10K Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GP10K Datasheet HTML 1Page - Zowie Technology Corporation GP10K Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP10A THRU GP10Y
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1600 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 Ampere operation at TA=75
o
C and 55
o
C with no thermal
runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-204AL molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.012 ounes , 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
TA=150
o
C
Typical junction capacitance (NOTE 1)
Typical thermal resistance (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
CJ
R JA
TJ,TSTG
GP10
A
B
D
G
J
K
M
N
Q
T
V
W
Y
50
100
200
400
600
800 1000 1100 1200 1300 1400 1500 1600
1.0
30
25
1.0
1.25
5
30
50
5
50
-
10
55
-65 to +175
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
770
840
910
980 1050 1120
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800 1000 1100 1200 1300 1400 1500 1600
Volts
Volts
Amps
Amps
uA
pF
o
C / W
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.
PATEN
TED
DO-204AL
*Dimensions in inches and (millimeters)
0.107(2.70)
0.034(0.86)
0.028(0.71)
0.080(2.0)
DIA.
DIA.
PATEN
TED
PATEN
TED
Zowie Technology Corporation
REV. : 0
TM


Similar Part No. - GP10K

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP10K GE-GP10K Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP10K MCC-GP10K Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Vishay Siliconix
GP10K VISHAY-GP10K Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
logo
First Components Intern...
GP10K FCI-GP10K Datasheet
144Kb / 2P
   1.0 Amp MEGARECTIFIERS Mechanical Dimensions
logo
Taiwan Semiconductor Co...
GP10K TSC-GP10K Datasheet
75Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

Similar Description - GP10K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30AH ZOWIE-GP30AH Datasheet
838Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10AH ZOWIE-GP10AH Datasheet
103Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP15A ZOWIE-GP15A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com