Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP4922
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP4922 Datasheet HTML 2Page - Microchip Technology MCP4922 Datasheet HTML 3Page - Microchip Technology MCP4922 Datasheet HTML 4Page - Microchip Technology MCP4922 Datasheet HTML 5Page - Microchip Technology MCP4922 Datasheet HTML 6Page - Microchip Technology MCP4922 Datasheet HTML 7Page - Microchip Technology MCP4922 Datasheet HTML 8Page - Microchip Technology MCP4922 Datasheet HTML 9Page - Microchip Technology MCP4922 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MCP4902/4912/4922
DS22250A-page 6
 2010 Microchip Technology Inc.
Multiplying Mode
-3 dB Bandwidth
fVREF
450
kHz
VREF = 2.5V ±0.1 Vp-p,
Unbuffered, G = 1x
fVREF
400
kHz
VREF = 2.5V ±0.1 Vp-p,
Unbuffered, G = 2x
Multiplying Mode – Total
Harmonic Distortion
THDVREF
——
dB
VREF = 2.5V ±0.1Vp-p,
Frequency = 1 kHz
Output Amplifier
Output Swing
VOUT
0.01 to
VDD – 0.04
V
Accuracy is better than 1 LSb for
VOUT = 10 mV to (VDD – 40 mV)
Phase Margin
m
66
degrees
Slew Rate
SR
0.55
V/µs
Short Circuit Current
ISC
—17
mA
Settling Time
tsettling
4.5
µs
Within 1/2 LSb of final value from
1/4 to 3/4 full-scale range
Dynamic Performance (Note 2)
DAC to DAC Crosstalk
10
nV-s
Major Code Transition
Glitch
45
nV-s
1 LSb change around major carry
(0111...1111 to
1000...0000)
Digital Feedthrough
10
nV-s
Analog Crosstalk
10
nV-s
ELECTRICAL CHARACTERISTIC WITH EXTENDED TEMPERATURE (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x, RL = 5 k to
GND, CL = 100 pF. Typical values are at +125°C by characterization or simulation.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.


Similar Part No. - MCP4922

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4922 MICROCHIP-MCP4922 Datasheet
3Mb / 40P
   12-Bit DAC with SPI??Interface
2004
MCP4922 MICROCHIP-MCP4922 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922 MICROCHIP-MCP4922 Datasheet
1Mb / 50P
   SPI Interface with 20 MHz Clock Support
01/27/15
MCP4922-E/MS MICROCHIP-MCP4922-E/MS Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922-E/P MICROCHIP-MCP4922-E/P Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
More results

Similar Description - MCP4922

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVBXX MICROCHIP-MCP48FVBXX Datasheet
1Mb / 84P
   8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
logo
Texas Instruments
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com