Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK60A08J1 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TK60A08J1
Description  Switching Regulator Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK60A08J1 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TK60A08J1 Datasheet HTML 1Page - Toshiba Semiconductor TK60A08J1 Datasheet HTML 2Page - Toshiba Semiconductor TK60A08J1 Datasheet HTML 3Page - Toshiba Semiconductor TK60A08J1 Datasheet HTML 4Page - Toshiba Semiconductor TK60A08J1 Datasheet HTML 5Page - Toshiba Semiconductor TK60A08J1 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TK60A08J1
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-OFF current
IDSS
VDS = 75 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
75
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = -20 V
60
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.1
2.3
V
VGS = 4.5 V, ID = 30A
7.1
9.3
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 30A
6.2
7.8
m
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 30 A
60
120
S
Input capacitance
Ciss
5450
Reverse transfer capacitance
Crss
320
Output capacitance
Coss
VDS = 10V, VGS = 0 V, f = 1 MHz
1260
pF
Rise time
tr
5
Turn-ON time
ton
20
Fall time
tf
15
Switching time
Turn-OFF time
toff
96
ns
VDD ∼− 60 V, VGS = 5 V, ID = 60A
48
Total gate charge
(gate-source plus gate-drain)
Qg
VDD ∼− 60 V, VGS = 10 V, ID = 60A
86
Gate-source charge 1
Qgs1
16
Gate-drain (“miller”) charge
Qgd
20
Gate switch charge
QSW
VDD ∼− 60 V, VGS = 10 V, ID = 60A
27
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
60
A
Pulse drain reverse current
(Note 1)
IDRP
240
A
Forward voltage (diode)
VDSF
IDR = 60 A, VGS = 0 V
−0.9
−1.2
V
Reverse recovery time
trr
63
ns
Reverse recovery charge
Qrr
IDR = 60 A, VGS = 0 V,
dIDR/dt = 50 A/μs
63
nC
Marking
Duty
≤ 1%, tw = 10 μs
0 V
10 V
VGS
RL = 1 Ω
VDD ∼− 30 V
ID = 30 A
VOUT
Lot No.
Note 4
K60A08J
Part No. (or abbreviation code)
1
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Similar Part No. - TK60A08J1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK60A08J1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN03T80IS KODENSHI-SMN03T80IS Datasheet
391Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
   SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK0460D KODENSHI-SMK0460D Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com