Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK70A06J1 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TK70A06J1
Description  Switching Regualtor Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK70A06J1 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TK70A06J1 Datasheet HTML 1Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 2Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 3Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 4Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 5Page - Toshiba Semiconductor TK70A06J1 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TK70A06J1
2009-09-29
4
Vth − Tc
RDS (ON) − Tc
0
20
8
IDR − VDS
PD − Tc
80
20
40
60
0
0
80
40
160
120
100
0
60
40
0
40
60
20
0
20
100
1000
0.1
100
1
10
10000
80
100
0
0.4
0.8
2.0
1
3
1000
100
Common source
Tc
= 25°C
Pulse Test
0
1
10
5
3
1.2
1.6
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
0
−80
0
40
80
120
160
−40
1
2
3
4
5
Common source
VDS = 10 V
ID = 1mA
Pulse Test
200
Case temperature Tc (°C)
Case temperature Tc (°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
Case temperature Tc (°C)
Drain-source voltage VDS (V)
Dynamic input / output
characteristics
VDD = 12V
24V
48V
VDS
VGS
Common source
ID = 60 A
Ta
= 25°C
Pulse Test
80
20
4
8
16
12
−80
0
40
80
120
160
−40
12
10
300
16
4
30
70
35
18
ID = 70 A
35
18
VGS = 10V
VGS = 4.5V
Common source
VGS = 10 V
Pulse Test


Similar Part No. - TK70A06J1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK70A06J1 TOSHIBA-TK70A06J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK70A06J1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA76431F TOSHIBA-TA76431F Datasheet
269Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGUALTOR
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com