Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK100F06K3 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TK100F06K3
Description  Swiching Regulator,DC-DC Converter Applications Motor Drine Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK100F06K3 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TK100F06K3 Datasheet HTML 1Page - Toshiba Semiconductor TK100F06K3 Datasheet HTML 2Page - Toshiba Semiconductor TK100F06K3 Datasheet HTML 3Page - Toshiba Semiconductor TK100F06K3 Datasheet HTML 4Page - Toshiba Semiconductor TK100F06K3 Datasheet HTML 5Page - Toshiba Semiconductor TK100F06K3 Datasheet HTML 6Page - Toshiba Semiconductor TK100F06K3 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TK100F06K3
2009-04-17
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±10
μA
Drain cut-OFF current
IDSS
VDS = 40 V, VGS = 0 V
10
μA
V (BR) DSS ID = 10 mA, VGS = 0 V
60
Drain-source breakdown voltage
V (BR) DSX ID = 10 mA, VGS = −20 V
35
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
3.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 50 A
4.0
5.0
m
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 50 A
87
174
S
Input capacitance
Ciss
4500
Reverse transfer capacitance
Crss
600
Output capacitance
Coss
VDS = 10V, VGS = 0 V, f = 1 MHz
800
pF
Rise time
tr
18
Turn-ON time
ton
33
Fall time
tf
23
Switching time
Turn-OFF time
toff
73
ns
Total gate charge
(gate-source plus gate-drain)
Qg
98
Gate-source charge
Qgs
57
Gate-drain (“miller”) charge
Qgd
VDD ≈ 48 V, VGS = 10 V, ID = 100 A
41
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
100
A
Pulse drain reverse current
(Note 1)
IDRP
300
A
Forward voltage (diode)
VDSF
IDR = 100 A, VGS = 0 V
−1.2
V
Reverse recovery time
trr
62
ns
Reverse recovery charge
Qrr
IDR = 100 A, VGS = 0 V,
dIDR/dt = 50 A/μs
62
nC
Marking
Note 6: A line under a Lot No. identifies the indication of product Labels
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is Directive 2002/95/EC of the European Parliament and
of the Council of 27 January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment
Duty
≤ 1%, tw = 10 μs
0 V
10 V
VGS
RL = 0.6 Ω
VDD ≈ 30 V
ID = 50 A
VOUT
K100F06K
3
Lot No.
Part No.
(or abbreviation code)
Note 6


Similar Part No. - TK100F06K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK100F06K3 TOSHIBA-TK100F06K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK100F06K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK40F08K3 TOSHIBA-TK40F08K3 Datasheet
221Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
219Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK130F06K3 TOSHIBA-TK130F06K3 Datasheet
218Kb / 7P
   Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
TK100F04K3 TOSHIBA-TK100F04K3 Datasheet
218Kb / 7P
   Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com