Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8013-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPC8013-H
Description  High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8013-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPC8013-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC8013-H
2006-11-16
6
Drain-source voltage VDS (V)
Safe operating area
Pulse width tw (S)
rth − tw
0.01
0.01
0.1
1
10
100
0.1
1
10
100
* Single - pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (pulse) *
10 ms*
t =1 ms*
VDSS max
0.1
0.001
0.01
0.1
10
100
1000
1
100
1000
Single - pulse
1
(2)
10
(1)
Device mounted on a glass-epoxy board (a)
(Note 2a)
(2)
Device mounted on a glass-epoxy board (b)
(Note 2b)
(1)


Similar Part No. - TPC8013-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8013-H TOSHIBA-TPC8013-H Datasheet
196Kb / 7P
   Silicon N Channel MOS Type (High speed U-MOS III)
logo
VBsemi Electronics Co.,...
TPC8013-H VBSEMI-TPC8013-H Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC8013-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
208Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com