Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8103-H Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8103-H
Description  High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8103-H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8103-H_09 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8103-H_09 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8103-H_09 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8103-H_09 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8103-H_09 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8103-H_09 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8103-H_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCP8103-H
2009-12-10
2
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2a)
Rth (ch-a)
74.4
°C/W
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2b)
Rth (ch-a)
148.8
°C/W
Note 1: The channel temperature should not exceed 150°C during use.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = -24 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = -4.8A
Note 4: Repetitive rating: pulse width limited by max channel temperature
Note 5:
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
* Weekly code: (Three digits)
Week of manufacture
(01 for first week of the year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)


Similar Part No. - TPCP8103-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8103-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
208Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
228Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com