Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8008-H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCS8008-H
Description  High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8008-H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCS8008-H_09 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8008-H
2009-12-09
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cutoff current
IDSS
VDS = 250 V, VGS = 0 V
100
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
V (BR) DSX
ID = 10 mA, VGS = −5 V
250
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
200
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 0.8 A
0.48
0.58
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 0.8 A
0.8
1.8
S
Input capacitance
Ciss
600
pF
Reverse transfer capacitance
Crss
20
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
220
pF
Rise time
tr
35
Turn-on time
ton
95
Fall time
tf
20
Switching time
Turn-off time
toff
Duty
≤ 1%, tw = 10 μs
120
ns
Total gate charge
(gate-source plus gate-drain)
Qg
10
nC
Gate-source charge
Qgs
7.5
nC
Gate-drain (“Miller”) charge
Qgd
2.5
nC
Gate switch charge
Qsw
VDD ≈ 200V, VGS = 10 V,
ID = 1.7 A
3.3
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current (pulse)
(Note 1)
IDRP
6.8
A
Forward voltage (diode)
VDSF
IDR = 1.7 A, VGS = 0 V
−2.0
V
VDD ≈ 125 V
0 V
VGS
10 V
ID = 0.8 A
VOUT


Similar Part No. - TPCS8008-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results

Similar Description - TPCS8008-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com