Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8358MAX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8358MAX
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358MAX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMP8358MAX Datasheet HTML 2Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 3Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 4Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 5Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 6Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 7Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 8Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 9Page - National Semiconductor (TI) LMP8358MAX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3 dB Bandwidth
Gain = 10, COMP[2:0] = 000b
930
kHz
Gain = 10, COMP[2:0] = 1xxb
74
Gain = 20, COMP[2:0] = 000b
385
Gain = 20, COMP[2:0] = 1xxb
37
Gain = 50, COMP[2:0] = 001b
460
Gain = 50, COMP[2:0] = 1xxb
16
Gain = 100, COMP[2:0] = 010b
640
Gain = 100, COMP[2:0] = 1xxb
8
Gain = 200, COMP[2:0] = 010b
195
Gain = 200, COMP[2:0] = 1xxb
4
Gain = 500, COMP[2:0] = 011b
130
Gain = 500, COMP[2:0] = 1xxb
1.5
Gain = 1000, COMP[2:0] = 011b
89
Gain = 1000, COMP[2:0] = 1xxb
0.8
SR
Slew Rate
(Note 7)
COMP[2:0] = 000b, 10% to 90% of Step,
V
OUT = 2 VPP
1.7
V/µs
COMP[2:0] = 001b, 10% to 90% of Step,
V
OUT = 2 VPP
5.0
COMP[2:0] = 010b, 10% to 90% of Step,
V
OUT = 2 VPP
9.0
COMP[2:0] = 011b, 10% to 90% of Step,
V
OUT = 2 VPP
11.0
COMP[2:0] = 1xxb, 10% to 90% of Step,
V
OUT = 2 VPP
0.16
t
s
0.01% Settling Time
2 V Step, C
L = 10 pF, COMP[2:0] = 011b
4
µs
V
OUT
Output Voltage Swing High
R
L = 2 kΩ to V
+/2
52
62
mV from
top rail
R
L = 10 kΩ to V
+/2
22
30
R
L > 1 MΩ to V
+/2
12
17
Output Voltage Swing Low
R
L = 2 kΩ to V
+/2
42
55
mV from
bottom
rail
R
L = 10 kΩ to V
+/2
16
22
R
L > 1 MΩ to V
+/2
12
17
I
OUT
Output Current Sourcing
V
OUT tied to V
+/2
23
16
31
mA
Output Current Sinking
V
OUT tied to V
+/2
34
30
41
I
S
Supply Current
Fault detection off, V
IN DIFF = 0V
1.8
2.1
mA
Fault detection on, V
IN DIFF = 0V
1.9
2.2
mA
in Shutdown
0.006
1
µA
T
SD_ON
Turn-on time from Shutdown
85
µs
PS
E
Prescaler Error (Offset + Gain Error)
V
CM = V
+/2
5
8
mV
Prescaler Gain Factor
0.02
V/V
www.national.com
6


Similar Part No. - LMP8358MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8358MAX/NOPB TI1-LMP8358MAX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
More results

Similar Description - LMP8358MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8358 TI1-LMP8358 Datasheet
1Mb / 40P
[Old version datasheet]   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Analog Devices
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
   Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com