Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP336ECT-L Datasheet(PDF) 3 Page - Exar Corporation

Part # SP336ECT-L
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336ECT-L Datasheet(HTML) 3 Page - Exar Corporation

  SP336ECT-L Datasheet HTML 1Page - Exar Corporation SP336ECT-L Datasheet HTML 2Page - Exar Corporation SP336ECT-L Datasheet HTML 3Page - Exar Corporation SP336ECT-L Datasheet HTML 4Page - Exar Corporation SP336ECT-L Datasheet HTML 5Page - Exar Corporation SP336ECT-L Datasheet HTML 6Page - Exar Corporation SP336ECT-L Datasheet HTML 7Page - Exar Corporation SP336ECT-L Datasheet HTML 8Page - Exar Corporation SP336ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
FIGURE 2. PIN OUT ASSIGNMENT
2
1
3
4
5
6
7
8
9
10
11
12
14
13
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SOIC/
TSSOP
SP336E
T3_In
T2_In
T1_In
SLEW
MODE_0
MODE_2
R4_Out
R3_Out
R2_Out
R1_Out
R4_In
R3_In
R2_In
R1_In
T4_In
MODE_1
T4_Out
T3_Out
Vcc
T1_Out
T2_Out
GND
C1+
V+
C2+
C1-
C2-
V-
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
SP336ECT-L
28-pin SOIC-W
0°C to +70°C
Active
SP336ECY-L
28-pin TSSOP
0°C to +70°C
Active
SP336EET-L
28-pin SOIC-W
-40°C to +85°C
Active
SP336EEY-L
28-pin TSSOP
-40°C to +85°C
Active
SP336E
3
REV. 1.0.0
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER


Similar Part No. - SP336ECT-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEYL EXAR-SP336EEYL Datasheet
158Kb / 1P
   Halogen?릃ree Green
More results

Similar Description - SP336ECT-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EEY-L EXAR-SP337EEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
   Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
   Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com