Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

i.MX27L Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # i.MX27L
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

i.MX27L Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button i.MX27L Datasheet HTML 36Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 37Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 38Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 39Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 40Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 41Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 42Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 43Page - Freescale Semiconductor, Inc i.MX27L Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
40
Freescale Semiconductor
Electrical Characteristics
4
Electrical Characteristics
This section provides the chip-level and module-level electrical characteristics for the i.MX27/iMX27L.
4.1
i.MX27/iMX27L
Chip-Level Conditions
This section provides the chip-level electrical characteristics for the IC. See Table 5 for a quick reference
to the individual tables and sections.
Table 6 provides the DC absolute maximum operating conditions.
CAUTION
Stresses beyond those listed under Table 6 may cause permanent damage to
device. These are stress ratings only. Functional operation of device at these
or any other conditions beyond those indicated under “DC operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.
Table 7 provides the DC recommended operating conditions.
Table 5. i.MX27/iMX27L Chip-Level Conditions
For these characteristics…
Topic appears…
Table 6, “DC Absolute Maximum Conditions”
on page 40
Table 7, “DC Operating Conditions”
on page 40
Table 9, “Interface Frequency”
on page 41
Table 10, “Frequency Definition for Power Consumption Measurement”
on page 42
Table 11, “Current Consumption”
on page 42
Section 4.1.3, “Test Conditions and Recommended Settings”
on page 43
Table 6. DC Absolute Maximum Conditions
Ref.
Num
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDDmax
–0.5
1.52
V
2
Supply Voltage (Level Shift I/O)
VDDIOmax
–0.5
3.3
V
3
Input Voltage Range
VImax
–0.5
NVDD (1, 5–13) + 0.3
V
4
Storage Temperature Range
Tstorage
–20
125
oC
Table 7. DC Operating Conditions
ID
Parameter
Symbol
Min
Typical
Max
Units
1
Core Supply Voltage (@266 MHz)
QVDD
1.2
1.3
1.52
V
2
Core Supply Voltage (@400 MHz)
QVDD
1.38
1.45
1.52
V


Similar Part No. - i.MX27L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - i.MX27L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com