Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5450BP15T600 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 5450BP15T600
Description  5.5 GHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5450BP15T600 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  5450BP15T600 Datasheet HTML 1Page - Johanson Technology Inc. 5450BP15T600 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.5 GHz Band Pass Filter
P/N 5450BP15T600
Detail Specification: 06/05/07
Page 1 of 2
General Specifications
Part Number
5450BP15T600
Input Power
500 mW max.
Frequency (MHz)
5150 - 5750
Impedance
50 Ω
Insertion Loss
5.0 dB max.
Operating Temperature
-40 to +85°C
Return Loss
9.5 dB min.
Storage Temperature
-40 to +85°C
Attenuation (min.)
0 ~ 4000MHz
Reel Quanity
Attenuation (min.)
6750 ~ 7000MHz
MSL
2
Attenuation (min.)
7000 ~ 7250MHz
Attenuation (min.)
7250 ~ 7500MHz
Attenuation (min.)
7500 ~ 12000MHz
Terminal Configuration
No.
Function
Mechanical Dimensions
1
GND
In
mm
2
OUT
L
±±
3
GND
W
±±
4
IN
T
±±
a
±±
b
±±
c
±±
g
±±
Mounting Considerations
Mount these devices with brown mark facing up.
* Line width should be designed to provide 50Ω impedance matching characteristics.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.35
1.30
0.004
0.051
0.95
0.006
0.037
0.15
0.010
0.25
0.012
0.006
0.30
0.006
0.15
0.014
0.006
1.25
0.049
0.004
0.10
PRELIMINARY
0.079
2.00
0.006
10 dB
0.15
20 dB
10 dB
4,000
0.10
15 dB
20 dB
0.15
0.15
Land
Solder Resist
Through-hole (
φ 0.35)
L
W
a
c
d
c
T
b
1
2
3
4
1.30
0.35
1.00
0.80
1.40
1.00


Similar Part No. - 5450BP15T600

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5450 POMONA-5450 Datasheet
88Kb / 5P
   PLCC Socket Breakouts
logo
Alpha Wire
5450/12 ALPHAWIRE-5450/12 Datasheet
100Kb / 5P
   Customer Specification
8/29/2022
5450/12 ALPHAWIRE-5450/12 Datasheet
99Kb / 5P
   Customer Specification
12/2/2022
5450/2 ALPHAWIRE-5450/2 Datasheet
99Kb / 5P
   Customer SpecificationS
12/13/2022
logo
PHOENIX CONTACT
5450007 PHOENIX-5450007 Datasheet
93Kb / 5P
   Printed-circuit board connector - BCVP-381WF- 5 GN
More results

Similar Description - 5450BP15T600

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5487BP15B675 JOHANSON-5487BP15B675 Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15C725 JOHANSON-5515BP15C725 Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B725 JOHANSON-5515BP15B725 Datasheet
87Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15C675 JOHANSON-5487BP15C675 Datasheet
106Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730 JOHANSON-5515BP15B730 Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975 JOHANSON-5515BP15B975 Datasheet
897Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15B675E JOHANSON-5487BP15B675E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730E JOHANSON-5515BP15B730E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975E JOHANSON-5515BP15B975E Datasheet
163Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B725E JOHANSON-5515BP15B725E Datasheet
439Kb / 2P
   5.5 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com