Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF8.0CA-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMF8.0CA-TP
Description  200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMF8.0CA-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  SMF8.0CA-TP Datasheet HTML 1Page - Micro Commercial Components SMF8.0CA-TP Datasheet HTML 2Page - Micro Commercial Components SMF8.0CA-TP Datasheet HTML 3Page - Micro Commercial Components SMF8.0CA-TP Datasheet HTML 4Page - Micro Commercial Components SMF8.0CA-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Maximum Ratings
Operating Temperature: -65
oC to +150oC
Storage Temperature: -65
oC to +150oC
Electrical Characteristics @ 25
oC Unless Otherwise Specified
S
MF5.0(C)A
THRU
S
MF170(C)A
200WATTS TRANSIENT
VOLTAGE SUPPRESSOR
5.0 TO 170 VOLTS
PPP
200W
ESD Voltage(HBM)
V ESD
>16KV
(10/1000us Waveform)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Stand-off Voltage 5-170 Volts
Uni and bi-directional type available (suffix"C"means bi-directional)
Surface Mount
Low Clamping Voltage
200 Watt Peak Power Dissipation
Small, High Thermal Efficiency
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
Marking Code: See Electrical Characteristics Table
Features
Peak Pulse Power
www.mccsemi.com
TM
Micro Commercial Components
1 of 5
Revision:3
2010/07/02
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
MCC


Similar Part No. - SMF8.0CA-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF8.0CA MCC-SMF8.0CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
SAMYANG ELECTRONICS CO....
SMF8.0CA SAMYANG-SMF8.0CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMF8.0CA LUGUANG-SMF8.0CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Microdiode Electronics ...
SMF8.0CA CHENDA-SMF8.0CA Datasheet
1,012Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
SMF8.0CA GXELECTRONICS-SMF8.0CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results

Similar Description - SMF8.0CA-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com