Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0379DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0379DPA
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0379DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0379DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0379DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0379DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0379DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0379DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0379DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0379DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0379DPA
Preliminary
REJ03G1826-0210 Rev.2.10
Page 2 of 6
May 13, 2010
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
0.1
A
VGS = 20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
m A
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, ID = 1 mA
RDS(on)
1.8
2.3
m
ID = 25 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
2.4
3.4
m
ID = 25 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
110
S
ID = 25 A, VDS = 10 V
Note4
Input capacitance
Ciss
5150
pF
Output capacitance
Coss
1080
pF
Reverse transfer capacitance
Crss
500
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Gate Resistance
Rg
1.2
Total gate charge
Qg
37
nC
Gate to source charge
Qgs
13.8
nC
Gate to drain charge
Qgd
10.7
nC
VDD = 10 V, VGS = 4.5 V,
ID = 50 A
Turn-on delay time
td(on)
16
ns
Rise time
tr
17.5
ns
Turn-off delay time
td(off)
72
ns
Fall time
tf
14
ns
VGS = 10 V, ID = 25 A,
VDD  10 V, RL = 0.4 ,
Rg = 4.7
Body–drain diode forward voltage
VDF
0.39
V
IF = 2 A, VGS = 0
Note4
Body–drain diode reverse
recovery time
trr
35
ns
IF = 50 A, VGS = 0
diF/ dt = 100 A/ s
Notes: 4. Pulse test


Similar Part No. - RJK0379DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0379DPA RENESAS-RJK0379DPA Datasheet
256Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0379DPA RENESAS-RJK0379DPA Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0379DPA-00-J53 RENESAS-RJK0379DPA-00-J53 Datasheet
256Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0379DPA-00-J5A RENESAS-RJK0379DPA-00-J5A Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0379DPA RENESAS-RJK0379DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0379DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E6DPA RENESAS-RJK03E6DPA Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C2DPB RENESAS-RJK03C2DPB Datasheet
269Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB_15 Datasheet
277Kb / 9P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0379DPA RENESAS-RJK0379DPA Datasheet
256Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0381DPA RENESAS-RJK0381DPA Datasheet
250Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB Datasheet
268Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA RENESAS-RJK0380DPA_10 Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03A04DPA RENESAS-RJK03A04DPA Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA Datasheet
86Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0206DPA RENESAS-RJK0206DPA Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0208DPA RENESAS-RJK0208DPA Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com