Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5962FVM Datasheet(PDF) 1 Page - Rohm

Part # BA5962FVM
Description  Power Driver For CD Players
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5962FVM Datasheet(HTML) 1 Page - Rohm

  BA5962FVM Datasheet HTML 1Page - Rohm BA5962FVM Datasheet HTML 2Page - Rohm BA5962FVM Datasheet HTML 3Page - Rohm BA5962FVM Datasheet HTML 4Page - Rohm BA5962FVM Datasheet HTML 5Page - Rohm BA5962FVM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
REV. A
Structure
:
Silicon Monolithic Integrated Circuit
Product Name
:
Power Driver For CD Players
Device Name
:
BA5962FVM
Features
:
• BTL driver for CD players
• Use of the MSOP8 power package allows downsizing of the set.
• Incorporating a level shift circuit reduces the number of external components.
• A built-in thermal shutdown circuit installed.
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
Vcc
18
V
Power Dissipation
Pd
0.55 #
W
Operating Temperature
Range
Topr
-35 to 85
°C
Storage Temperature Range
Tstg
-55 to 150
°C
# When mounted on PCB (the glass/epoxy board with the size: 70 mm
×70 mm, the
thickness: 1.6 mm.)
Over Ta=25
°C, derating at the rate of 4.4mW/°C.
RECOMMENDED OPERATING CONDITIONS (To determine a power supply voltage, the power
dissipation must be taken into consideration.)
Parameter
Symbol
MIN
TYP
MAX
Unit
Power Supply Voltage
Vcc
3
5
10
V
This product has not been checked for the strategic materials (or service) defined in the Foreign
Exchange and Foreign Trade Control Low of Japan so that a verification work is required before
exporting it.
Not designed for radiation resistance.


Similar Part No. - BA5962FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5962FVM ROHM-BA5962FVM Datasheet
80Kb / 5P
   Power driver for CD player
BA5962FVM ROHM-BA5962FVM Datasheet
251Kb / 7P
   Power Driver For CD Players
BA5962FVM ROHM-BA5962FVM_1 Datasheet
251Kb / 7P
   Power Driver For CD Players
More results

Similar Description - BA5962FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5962FVM ROHM-BA5962FVM_1 Datasheet
251Kb / 7P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_2 Datasheet
86Kb / 6P
   Power Driver For CD Players
BA5961FV ROHM-BA5961FV_1 Datasheet
288Kb / 7P
   Power Driver For CD Players
BA5984FP ROHM-BA5984FP_1 Datasheet
97Kb / 6P
   Power Driver For CD Players
BA5968FP ROHM-BA5968FP Datasheet
337Kb / 7P
   Power Driver For CD Players
BA5984FP ROHM-BA5984FP Datasheet
454Kb / 7P
   Power Driver For CD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
   4CHANNEL BTL DRIVER FOR CD PLAYERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com