Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16HV540 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16HV540
Description  Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16HV540 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16HV540_00 Datasheet HTML 5Page - Microchip Technology PIC16HV540_00 Datasheet HTML 6Page - Microchip Technology PIC16HV540_00 Datasheet HTML 7Page - Microchip Technology PIC16HV540_00 Datasheet HTML 8Page - Microchip Technology PIC16HV540_00 Datasheet HTML 9Page - Microchip Technology PIC16HV540_00 Datasheet HTML 10Page - Microchip Technology PIC16HV540_00 Datasheet HTML 11Page - Microchip Technology PIC16HV540_00 Datasheet HTML 12Page - Microchip Technology PIC16HV540_00 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS40197B-page 9
PIC16HV540
TABLE 3-1:
PINOUT DESCRIPTION - PIC16HV540
Name
DIP, SOIC
No.
SSOP
No.
I/O/P
Type
Input
Levels
Description
RA0
RA1
RA2
RA3
17
18
1
2
19
20
1
2
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
Independently regulated Bi-directional I/O port — VIO
RB0
RB1
RB2
RB3
6
7
8
9
7
8
9
10
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
High-voltage Bi-directional I/O port.
Sourced from VDD.
Wake-up on pin
change
RB4
RB5
RB6
10
11
12
11
12
13
I/O
I/O
I/O
TTL
TTL
TTL
RB7
13
14
I/O
TTL
Wake-up on SLOW
rising pin change.
T0CKI
3
3
I
ST
Clock input to Timer 0. Must be tied to VSS or VDD, if not in
use, to reduce current consumption.
MCLR/VPP
4
4
I
ST
Master clear (reset) input/programming voltage input. This
pin is an active low reset to the device. Voltage on the MCLR/
VPP pin must not exceed VDD(1) to avoid unintended entering
of programming mode.
OSC1/CLKIN
16
18
I
ST
Oscillator crystal input/external clock source input.
OSC2/CLKOUT
15
17
O
Oscillator crystal output. Connects to crystal or resonator in
crystal oscillator mode. In RC mode, OSC2/CLKOUT output
is connected to TMR0, bit 0. Frequencies of CLKIN/8 to
CLKIN/1024 can be generated on this pin.
VDD
14
15,16
P
Positive supply.
VSS
55,6
P
Ground reference.
Legend: I = input, O = output, I/O = input/output, P = power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger input.
Note 1: VDD during programming mode can not exceed parameter PD1 called out in the PIC16C5X Programming
Specification (Literature number DS30190).


Similar Part No. - PIC16HV540_00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16HV540-04/JW MICROCHIP-PIC16HV540-04/JW Datasheet
545Kb / 36P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
1998
PIC16HV540-04/P MICROCHIP-PIC16HV540-04/P Datasheet
545Kb / 36P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
1998
PIC16HV540-04/SO MICROCHIP-PIC16HV540-04/SO Datasheet
545Kb / 36P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
1998
PIC16HV540-04/SS MICROCHIP-PIC16HV540-04/SS Datasheet
545Kb / 36P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
1998
PIC16HV540-04I/JW MICROCHIP-PIC16HV540-04I/JW Datasheet
545Kb / 36P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
1998
More results

Similar Description - PIC16HV540_00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16HV540 MICROCHIP-PIC16HV540 Datasheet
545Kb / 36P
   Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
1998
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com