Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3811KS Datasheet(PDF) 4 Page - Rohm

Part # BD3811KS
Description  5.1ch Sound Processor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3811KS Datasheet(HTML) 4 Page - Rohm

  BD3811KS Datasheet HTML 1Page - Rohm BD3811KS Datasheet HTML 2Page - Rohm BD3811KS Datasheet HTML 3Page - Rohm BD3811KS Datasheet HTML 4Page - Rohm BD3811KS Datasheet HTML 5Page - Rohm BD3811KS Datasheet HTML 6Page - Rohm BD3811KS Datasheet HTML 7Page - Rohm BD3811KS Datasheet HTML 8Page - Rohm BD3811KS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
4/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3811K1,BD3818KS
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Treble Maximum Boost Gain
1ch
GTB1
12
14
16
dB
Measure : Pin 55
f=15kHz, Vin =0.4Vrms
Treble Maximum Boost Gain
2ch
GTB2
12
14
16
dB
Measure : Pin 57
f=15kHz, Vin =0.4Vrms
Treble Maximum Cut Gain
1ch
GTC1
-16
-14
-12
dB
Measure : Pin 55
f=15kHz, Vin =0.4Vrms
Treble Maximum Cut Gain
2ch
GTC2
-16
-14
-12
dB
Measure : Pin 57
f=15kHz, Vin =0.4Vrms
Treble Step Resolution 1ch
TR1
2
dB
Measure : Pin 55
f=15kHz, Vin =0.4Vrms
Treble Step Resolution 2ch
TR2
2
dB
Measure : Pin 57
f=15kHz, Vin =0.4Vrms
Treble Gain Setting Error 1ch
TE1
-2
0
2
dB
Measure : Pin 55
f=15kHz, Vin =0.4Vrms
Treble Gain Setting Error 2ch
TE2
-2
0
2
dB
Measure : Pin 57
f=15kHz, Vin =0.4Vrms
Bass Maximum Boost Gain
1ch
GBB1
12
14
16
dB
Measure : Pin 55
fo=100Hz, Vin=0.4Vrms
Bass Maximum Boost Gain
2ch
GBB2
12
14
16
dB
Measure : Pin 57
fo=100Hz, Vin =0.4Vrms
Bass Maximum Cut Gain 1ch
GBC1
-16
-14
-12
dB
Measure : Pin 55
fo=100Hz, Vin =0.4Vrms
Bass Maximum Cut Gain 2ch
GBC2
-16
-14
-12
dB
Measure : Pin 57
fo=100Hz, Vin =0.4Vrms
Bass Step Resolution 1ch
BR1
2
dB
Measure : Pin 55
fo=100Hz, Vin =0.4Vrms
Bass Step Resolution 2ch
BR2
2
dB
Measure : Pin 57
fo=100Hz, Vin =0.4Vrms
Bass Gain Setting Error 1ch
BE1
-2
0
2
dB
Measure : Pin 55
fo=100Hz, Vin =0.4Vrms
Bass Gain Setting Error 2ch
BE2
-2
0
2
dB
Measure : Pin 57
fo=100Hz, Vin =0.4Vrms
Bass Boost Maximum Gain
1ch
GBBB1
10
12
14
dB
Measure : Pin 55
fo=70Hz, Vin =0.4Vrms
Bass Boost Maximum Gain
2ch
GBBB2
10
12
14
dB
Measure : Pin 57
fo=70Hz, Vin =0.4Vrms
Bass Boost Step Resolution
1ch
BBR1
4
dB
Measure : Pin 55
fo=70Hz, Vin =0.4Vrms
Bass Boost Step Resolution
2ch
BBR2
4
dB
Measure : Pin 57
fo=70Hz, Vin =0.4Vrms
Bass Boost Setting Error 1ch
BBE1
-2
0
2
dB
Measure : Pin 55
fo=70Hz, Vin =0.4Vrms
Bass Boost Setting Error 2ch
BBE2
-2
0
2
dB
Measure : Pin 57
fo=70Hz, Vin =0.4Vrms
Output Gain Control Range
1ch
GOG1
16
18
20
dB
Measure : Pin 36, 38, 55
Vin =0.4Vrms
Output Gain Control Range
2ch
GOG2
16
18
20
dB
Measure : Pin 35, 37, 57
Vin =0.4Vrms
Output Gain Setting Error
1ch
GOE1
-2
0
2
dB
Measure : Pin 36, 38, 55
Vin =0.4Vrms
Output Gain Setting Error
2ch
GOE2
-2
0
2
dB
Measure : Pin 35, 37, 57
Vin =0.4Vrms
* Note: This IC is not designed to be radiation-resistant.


Similar Part No. - BD3811KS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
More results

Similar Description - BD3811KS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
   5.1ch Sound Processors
logo
New Japan Radio
NJW1149 NJRC-NJW1149 Datasheet
313Kb / 26P
   Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
logo
Rohm
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
logo
Agamem Microelectronic ...
AA8335 AGAMEM-AA8335 Datasheet
230Kb / 8P
   SOUND EFFECT PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com