Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3843FS Datasheet(PDF) 9 Page - Rohm

Part # BD3843FS
Description  6ch/9ch Stereo Input Selectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3843FS Datasheet(HTML) 9 Page - Rohm

Back Button BD3843FS_1 Datasheet HTML 2Page - Rohm BD3843FS_1 Datasheet HTML 3Page - Rohm BD3843FS_1 Datasheet HTML 4Page - Rohm BD3843FS_1 Datasheet HTML 5Page - Rohm BD3843FS_1 Datasheet HTML 6Page - Rohm BD3843FS_1 Datasheet HTML 7Page - Rohm BD3843FS_1 Datasheet HTML 8Page - Rohm BD3843FS_1 Datasheet HTML 9Page - Rohm BD3843FS_1 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BD3843FS,BD3841FS
●Ordering part number
B
D
3
8
4
3
F
S
-
E
2
Part No.
Part No.
3843
3841
Package
FS: SSOP-A24
SSOP-A32
Packaging and forming specification
None: Tray
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-A24
24
12
0.8
−4°
+6
°
0.17 −0.05
+0.1
13
4
°
0.38
±0.1
1
10
±0.2
(MAX 10.35 include BURR)
0.1
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-A32
1
17
16
32
0.36
±0.1
0.8
13.6
±0.2
0.15
±0.1
(MAX 13.95 include BURR)
0.1


Similar Part No. - BD3843FS_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3843FS-E2 ROHM-BD3843FS-E2 Datasheet
309Kb / 10P
   6ch / 9ch Stereo Input Selectors
More results

Similar Description - BD3843FS_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3841FS-E2 ROHM-BD3841FS-E2 Datasheet
309Kb / 10P
   6ch / 9ch Stereo Input Selectors
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
logo
Rohm
BD3452KS ROHM-BD3452KS Datasheet
224Kb / 6P
   8ch Volume with 9ch input selector
logo
Asahi Kasei Microsystem...
AP4202 AKM-AP4202 Datasheet
1Mb / 28P
   100mA 9ch LED
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com