Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGP10B Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # UGP10B
Description  SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

UGP10B Datasheet(HTML) 2 Page - Zowie Technology Corporation

  UGP10B Datasheet HTML 1Page - Zowie Technology Corporation UGP10B Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES UGP10A THRU UGP10K
Zowie Technology Corporation
REV. : 0
FIG.1 - FORWARD CURRENT DERATING CURVE
1.0
0.5
0
0
25
50
75
100
125
150
175
RESISTIVE OR
INDUCTIVE LOAD
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.375" (9.5mm) LEAD LENGTH
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
5
10
15
20
30
25
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
20
1
10
100
TJ=100
oC
TJ=125
oC
40
60
80
100 110
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
2
4
10
6
20
60
100
UGP10J~UGP10K
UGP10A~UGP10G
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.2
0.6
1.0
1.4
1.8
2.2
PULSE WIDTH=300uS
1% DUTY CYCLE


Similar Part No. - UGP10B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
UGP10B BILIN-UGP10B Datasheet
61Kb / 2P
   SUPER FAST RECTIFIER
logo
TAITRON Components Inco...
UGP10B TAITRON-UGP10B Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
UGP10B LUGUANG-UGP10B Datasheet
184Kb / 2P
   Super Fast Rectifiers
logo
Leshan Radio Company
UGP10B LRC-UGP10B Datasheet
183Kb / 7P
   Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
logo
Galaxy Semi-Conductor H...
UGP10B BILIN-UGP10B Datasheet
273Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - UGP10B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP30A ZOWIE-UGP30A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP50D ZOWIE-UGP50D Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15A ZOWIE-UGP15A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP20A ZOWIE-UGP20A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED ULTRAFAST EFFICIENT RECTIFIER
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP50D ZOWIE-EGP50D Datasheet
56Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
EGP10A NJSEMI-EGP10A Datasheet
173Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com