Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54310MPWPREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54310MPWPREP
Description  3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54310MPWPREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54310MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54310MPWPREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
APPLICATION INFORMATION
RT
SYNC
SS/ENA
VBIAS
PWRGD
COMP
VSENSE
AGND
20
19
18
17
4
3
2
1
VIN
VIN
VIN
PH
PH
PH
PH
PH
BOOT
PGND
PGND
PGND
PwrPAD
16
15
14
10
9
8
7
6
5
13
12
11
U1
TPS54310PWP
C8
10
µF
C7
0.047
µF
L1
1.2
µH
+
C9
180
µF
4 V
C11
1000 pF
1
2
VO
GND
J3
C5
3900 pF
R2
3.74 k
R4
3.74 k
C4
100 pF
R3
71.5 k
C3
0.1
µF
1
R1
10 k
J1
2
1
VI
GND
PWRGD
+
C2
1
Optional
C6
R6
2700 pF
732
R5
10 k
R7
49.9
VIN
INPUT VOLTAGE
SETTING THE OUTPUT VOLTAGE
FEEDBACK CIRCUIT
O
R5 x 0.891
R4 =
V
- 0.891
(1)
TPS54310-EP
SLVS818 – APRIL 2008 ..................................................................................................................................................................................................... www.ti.com
Figure 10 shows the schematic diagram for a typical TPS54310 application. The TPS54310 (U1) can provide up
to 3 A of output current at a nominal output voltage of 3.3 V. For proper thermal performance, the thermal pad
under the TPS54310 integrated circuit needs to be soldered well to the printed-circuit board.
Figure 10. TPS54310 Schematic
The input to the circuit is a nominal 5 VDC, applied at
The output voltage of the TPS54310 can be set by
J1. The optional input filter (C2) is a 220-µF POSCAP
feeding back a portion of the output to the VSENSE
capacitor, with a maximum allowable ripple current of
pin using a resistor divider network. In the application
3 A. C8 is the decoupling capacitor for the TPS54310
circuit of Figure 10, this divider network is comprised
and must be located as close to the device as
of resistors R5 and R4. To calculate the resistor
possible.
values to generate the required output voltage use
Equation 1.
The resistor divider network of R5 and R4 sets the
output voltage for the circuit at 3.3 V. R5, along with
Start with a fixed value of R5 and calculate the
R2, R6, C4, C5, and C6 forms the loop compensation
required R4 value. Assuming a fixed value of 10 k
network for the circuit. For this design, a Type 3
for R5, the following table gives the appropriate R4
topology is used.
value for several common output voltages:
OUTPUT VOLTAGE (V)
R4 VALUE (K
Ω)
1.2
28.7
1.5
14.7
1.8
9.76
2.5
5.49
3.3
3.74
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54310-EP


Similar Part No. - TPS54310MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310MPWPREP TI1-TPS54310MPWPREP Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54310MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com