Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2625-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2625-EP
Description  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2625-EP Datasheet(HTML) 1 Page - Texas Instruments

  UC2625-EP Datasheet HTML 1Page - Texas Instruments UC2625-EP Datasheet HTML 2Page - Texas Instruments UC2625-EP Datasheet HTML 3Page - Texas Instruments UC2625-EP Datasheet HTML 4Page - Texas Instruments UC2625-EP Datasheet HTML 5Page - Texas Instruments UC2625-EP Datasheet HTML 6Page - Texas Instruments UC2625-EP Datasheet HTML 7Page - Texas Instruments UC2625-EP Datasheet HTML 8Page - Texas Instruments UC2625-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
UC2625-EP
www.ti.com .................................................................................................................................................................................................. SLUS802 – MARCH 2008
BRUSHLESS DC MOTOR CONTROLLER
• Controlled Baseline
• Drives Power MOSFETs or Power Darlingtons
Directly
One Assembly Site
• 50-V Open Collector High-Side Drivers
One Test Site
• Latched Soft Start
One Fabrication Site
• High-speed Current-Sense Amplifier with Ideal
• Extended Temperature Performance of –55°C
Diode
to 125
°C
• Pulse-by-Pulse and Average Current Sensing
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Over-Voltage and Under-Voltage Protection
• Enhanced Product-Change Notification
• Direction Latch for Safe Direction Reversal
• Qualification Pedigree (1)
• Tachometer
(1)
Component qualification in accordance with JEDEC and
• Trimmed Reference Sources 30 mA
industry standards to ensure reliable operation over an
• Programmable Cross-Conduction Protection
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
• Two-Quadrant and Four-Quadrant Operation
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The UC2625 motor controller integrates most of the functions required for high-performance brushless dc motor
control into one package. When coupled with external power MOSFETs or Darlingtons, this device performs
fixed-frequency PWM motor control in either voltage or current mode while implementing closed loop speed
control and braking with smart noise rejection, safe direction reversal, and cross-conduction protection.
Although specified for operation from power supplies between 10 V and 18 V, the UC2625 can control higher
voltage power devices with external level-shifting components. The UC2625 contains fast, high-current push-pull
drivers for low-side power devices and 50-V open-collector outputs for high-side power devices or level shifting
circuitry.
The UC2625 is characterized for operation over the military temperature range of –55
°C to 125°C.
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TA
PACKAGE(2)
NUMBER
MARKING
PDIP – N
UC2625MNEP
UC2625EP
–55
°C to 125°C
SOIC – DW
UC2625MDWREP
UC2625EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - UC2625-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2625 TI-UC2625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625 TI1-UC2625 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DW TI-UC2625DW Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DW TI1-UC2625DW Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWG4 TI1-UC2625DWG4 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Similar Description - UC2625-EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com