Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17312Q5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17312Q5
Description  30V N-Channel NexFET??Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17312Q5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD17312Q5 Datasheet HTML 2Page - Texas Instruments CSD17312Q5 Datasheet HTML 3Page - Texas Instruments CSD17312Q5 Datasheet HTML 4Page - Texas Instruments CSD17312Q5 Datasheet HTML 5Page - Texas Instruments CSD17312Q5 Datasheet HTML 6Page - Texas Instruments CSD17312Q5 Datasheet HTML 7Page - Texas Instruments CSD17312Q5 Datasheet HTML 8Page - Texas Instruments CSD17312Q5 Datasheet HTML 9Page - Texas Instruments CSD17312Q5 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
F10
F6
F7
M0139-01
F1
Ø 1.50
+0.10
–0.00
4.00 ±0.10 (See Note 1)
R 0.30 TYP
Ø 1.50 MIN
A0
K0
0.30 ±0.05
R 0.30 MAX
A0 = 6.50 ±0.10
B0 = 5.30 ±0.10
K0 = 1.40 ±0.10
M0138-01
2.00 ±0.05
8.00 ±0.10
B0
CSD17312Q5
www.ti.com
SLPS256 – MARCH 2010
Recommended PCB Pattern
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
F1
6.205
6.305
0.244
0.248
F2
4.460
4.560
0.176
0.180
F3
4.460
4.560
0.176
0.180
F4
0.650
0.700
0.026
0.028
F5
0.620
0.670
0.024
0.026
F6
0.630
0.680
0.025
0.027
F7
0.700
0.800
0.028
0.031
F8
0.650
0.700
0.026
0.028
F9
0.620
0.670
0.024
0.026
F10
4.900
5.000
0.193
0.197
F11
4.460
4.560
0.176
0.180
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
Text added for spacing
Text added for spacing
Q5 Tape and Reel Information
Notes: 1. 10-sprocket hole-pitch cumulative tolerance ±0.2
2. Camber not to exceed 1mm in 100mm, noncumulative over 250mm
3. Material: black static-dissipative polystyrene
4. All dimensions are in mm, unless otherwise specified.
5. Thickness: 0.30 ±0.05mm
6. MSL1 260°C (IR and convection) PbF reflow compatible
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CSD17312Q5


Similar Part No. - CSD17312Q5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17312Q5 TI1-CSD17312Q5 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD17312Q5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com