Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7360IPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS7360IPW
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7360IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7360IPW Datasheet HTML 4Page - Texas Instruments THS7360IPW Datasheet HTML 5Page - Texas Instruments THS7360IPW Datasheet HTML 6Page - Texas Instruments THS7360IPW Datasheet HTML 7Page - Texas Instruments THS7360IPW Datasheet HTML 8Page - Texas Instruments THS7360IPW Datasheet HTML 9Page - Texas Instruments THS7360IPW Datasheet HTML 10Page - Texas Instruments THS7360IPW Datasheet HTML 11Page - Texas Instruments THS7360IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
THS7360
SLOS674 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ = +5 V
At TA = +25°C, RL = 150 Ω to GND, Filter mode, and dc-coupled input/output, unless otherwise noted.
THS7360
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE (SD CHANNELS)
Passband bandwidth
–1 dB; VO = 0.2 VPP and 2 VPP
6.7
8.2
10
MHz
B
Small- and large-signal bandwidth
–3 dB; VO = 0.2 VPP and 2 VPP
8
9.5
11.3
MHz
B
Bypass mode bandwidth
–3 dB; VO = 0.2 VPP
30
60
MHz
B
Slew rate
Bypass mode; VO = 2 VPP
60
150
V/ms
B
With respect to 500 kHz, f = 6.75 MHz
–0.8
0.4
1.3
dB
A
Attenuation
With respect to 500 kHz, f = 27 MHz
42
54
dB
A
Group delay
f = 100 kHz
74
ns
C
Group delay variation
f = 5.1 MHz with respect to 100 kHz
10.5
ns
C
Channel-to-channel delay
0.3
ns
C
Differential gain
NTSC/PAL
0.15/0.3
%
C
Differential phase
NTSC/PAL
0.35/0.5
Degrees
C
Total harmonic distortion
f = 1 MHz, VO = 1.4 VPP
–73
dB
C
100 kHz to 6 MHz, non-weighted
61
dB
C
Signal-to-noise ratio
100 kHz to 6 MHz, unified weighting
70
dB
C
Gain
All channels
5.44
5.60
5.76
V/V
A
f = 6.75 MHz, Filter mode
0.7
C
Output impedance
f = 6.75 MHz, Bypass mode
0.6
C
Disabled
28 || 3
k
Ω || pF
C
Return loss
f = 6.75 MHz, Filter mode
46
dB
C
Crosstalk
f = 1 MHz, SD to SD channels, input referred
–58
dB
C
AC PERFORMANCE (SF(2) CHANNELS, SD FILTER)
Passband bandwidth
–1 dB; VO = 0.2 VPP and 2 VPP
6.6
8
9.6
MHz
B
Small- and large-signal bandwidth
–3 dB; VO = 0.2 VPP and 2 VPP
7.8
9.2
11
MHz
B
With respect to 500 kHz, f = 6.75 MHz
–0.8
0.4
1.3
dB
A
Attenuation
With respect to 500 kHz, f = 27 MHz
42
50
dB
A
Group delay
f = 100 kHz
62
ns
C
Group delay variation
f = 5.1 MHz with respect to 100 kHz
10.5
ns
C
Channel-to-channel delay
0.3
ns
C
Total harmonic distortion
f = 1 MHz, VO = 1.4 VPP
–59
dB
C
100 kHz to 6.75 MHz, non-weighted
58
dB
C
Signal-to-noise ratio
100 kHz to 6.75 MHz, unified weighting
69
dB
C
Gain
All channels
4.37
4.50
4.63
V/V
A
Output impedance
f = 6.75 MHz
0.7
C
Return loss
f = 6.75MHz
46
dB
C
f = 1 MHz, SF to SD channels, input referred
–57
dB
C
Crosstalk
f = 1 MHz, SD to SF channels, input referred
–56
dB
C
f = 1 MHz, SF to SF channels, input referred
–56
dB
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation only. (C) Typical value only for information.
(2)
SF indicates selectable filter.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): THS7360


Similar Part No. - THS7360IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7360IPW TI-THS7360IPW Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7360IPWR TI-THS7360IPWR Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
More results

Similar Description - THS7360IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
   4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com