Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210-HT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40210-HT
Description  5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210-HT Datasheet(HTML) 5 Page - Texas Instruments

  TPS40210-HT Datasheet HTML 1Page - Texas Instruments TPS40210-HT Datasheet HTML 2Page - Texas Instruments TPS40210-HT Datasheet HTML 3Page - Texas Instruments TPS40210-HT Datasheet HTML 4Page - Texas Instruments TPS40210-HT Datasheet HTML 5Page - Texas Instruments TPS40210-HT Datasheet HTML 6Page - Texas Instruments TPS40210-HT Datasheet HTML 7Page - Texas Instruments TPS40210-HT Datasheet HTML 8Page - Texas Instruments TPS40210-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
0
1
10
100
1000
110
130
150
170
190
210
230
Continuous TJ (°C)
Electromigration Fail Mode
TPS40210-HT
www.ti.com
SLVSAD8 – JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
TJ = –55°C to 210°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
TA = –55°C to 125°C
TA = 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Overcurrent reset
VSS(rst)
threshold voltage (at
100
150
350
100
150
350
mV
SS pin)
Leading edge
TBLNK
75
ns
blanking
Current-Sense Amplifier
Current sense
ACS
4.2
5.6
7.2
4
4.8
7.2
V/V
amplifier gain
IB(ISNS)
Input bias current
1
3
1
3
mA
Driver
Gate driver source
IGDRV(src)
VGDRV = 4 V, TJ = 25°C
280
335
180
280
mA
current
Gate driver sink
IGDRV(snk)
VGDRV = 4 V, TJ = 25°C
300
330
230
290
mA
current
Linear Regulator
Bypass voltage
VBP
0 mA < IBP < 15 mA
7
8
9
4.8
8.45
10
V
output
Disable/Enable
VDIS(en)
Turn-on voltage
0.7
1
1.3
0.7
1
1.3
V
VDIS(hys)
Hysteresis voltage
25
145
220
25
155
220
mV
DIS pin pulldown
RDIS
0.7
1.1
1.5
0.5
0.9
1.5
M
resistance
Notes:
1.
See datasheet for absolute maximum and minimum recommended operating conditions.
2.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package
interconnect life).
Figure 1. TPS40210SKGD1/TPS40210SHKK
Operating Life Derating Chart
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS40210-HT


Similar Part No. - TPS40210-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results

Similar Description - TPS40210-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com