Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2481PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2481PW
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2481PW Datasheet(HTML) 2 Page - Texas Instruments

  TPS2481PW Datasheet HTML 1Page - Texas Instruments TPS2481PW Datasheet HTML 2Page - Texas Instruments TPS2481PW Datasheet HTML 3Page - Texas Instruments TPS2481PW Datasheet HTML 4Page - Texas Instruments TPS2481PW Datasheet HTML 5Page - Texas Instruments TPS2481PW Datasheet HTML 6Page - Texas Instruments TPS2481PW Datasheet HTML 7Page - Texas Instruments TPS2481PW Datasheet HTML 8Page - Texas Instruments TPS2481PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TPS2480
TPS2481
SLUS939A – APRIL 2010 – REVISED JUNE 2010
www.ti.com
DESCRIPTION (CONT.)
The TPS2480 and TPS2481 monitors shunts on buses that can vary from 9 V to 26 V and with a few external
components it is possible to monitor buses as high as 80 V.
The monitoring circuitry uses a single 3-V to 5.5-V supply, drawing a maximum of 1 mA of supply current.
ORDERING INFORMATION
JUNCTION
DEVICE
PACKAGE
ORDERING CODE
MARKING
TEMPERATURE
TPS2480
-40°C to 125°C
PW20
TPS2480PW
TPS2480
TPS2481
-40°C to 125°C
PW20
TPS2481PW
TPS2481
DISSIPATION RATINGS
(1) (2) (3)
PACKAGE
qJA HIGH K, °C/W
qJA (Air Flow) HIGH-k
(4), °C/W
TPS2480
88.3
74.5
TPS2481
88.3
74.5
(1)
Tested per JEDEC JESD51, natural convection. The definitions of high-k and low-k are per JESD 51-7and JESD 51-3.
(2)
Low-k (2 signal - no plane, 3 in. by 3 in. board, 0.062 in. thick, 1 oz. copper) test board with the pad soldered, and an additional 0.12
in.2 of top-side copper added to the pad.
(3)
High-k is a (2 signal – 2 plane) test board with the pad soldered.
(4)
The best case thermal resistance is obtained using the recommendations per SLMA002A (2 signal - 2 plane with the pad connected to
the plane).
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Input voltage range
9
80
V
PROG
Input voltage range
0.4
4
VREF
Sourcing current
0
1
mA
VS
Input voltage range
3
5.5
V
VINP, VINM
Input voltage range
0
20
Tstg
Operating free air temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2480 TPS2481


Similar Part No. - TPS2481PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2481PWR TI-TPS2481PWR Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results

Similar Description - TPS2481PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com