Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1175CQ-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1175CQ-5
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CQ-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1175CQ-5 Datasheet HTML 7Page - Linear Technology LT1175CQ-5 Datasheet HTML 8Page - Linear Technology LT1175CQ-5 Datasheet HTML 9Page - Linear Technology LT1175CQ-5 Datasheet HTML 10Page - Linear Technology LT1175CQ-5 Datasheet HTML 11Page - Linear Technology LT1175CQ-5 Datasheet HTML 12Page - Linear Technology LT1175CQ-5 Datasheet HTML 13Page - Linear Technology LT1175CQ-5 Datasheet HTML 14Page - Linear Technology LT1175CQ-5 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT1175

1175fe
applicaTions inForMaTion
capacitors do not fail during a “shorting out” surge, only
during a “charge up” surge.
The output capacitor should be located within several
inchesoftheregulator.Ifremotesensingisused,theoutput
capacitor can be located at the remote sense node, but the
GND pin of the regulator should also be connected to the
remote site. The basic rule is to keep SENSE and GND pins
close to the output capacitor, regardless of where it is.
Operating at very large input-to-output differential volt-
ages (>15V) with load currents less than 5mA requires an
output capacitor with an ESR greater than 1Ω to prevent
low level output oscillations.
Input Capacitor
The LT1175 requires a separate input bypass capacitor
only if the regulator is located more than six inches from
the raw supply output capacitor. A 1µF or larger tantalum
capacitor is suggested for all applications, but if low ESR
capacitors such as ceramic or film are used for the out-
put and input capacitors, the input capacitor should be
at least three times the value of the output capacitor. If a
solid tantalum or aluminum electrolytic output capacitor
is used, the input capacitor is very noncritical.
High Temperature Operation
The LT1175 is a micropower design with only 45µA qui-
escent current. This could make it perform poorly at high
temperatures (>125°C), where power transistor leakage
might exceed the output node loading current (5µA to
15µA). To avoid a condition where the output voltage
driftsuncontrolledhighduringahightemperatureno-load
condition, the LT1175 has an active load which turns on
when the output is pulled above the nominal regulated
voltage. This load absorbs power transistor leakage and
maintains good regulation. There is one downside to this
feature,however.Iftheoutputispulledhighdeliberately,as
itmightbewhentheLT1175isusedasabackuptoaslightly
higher output from a primary regulator, the LT1175 will act
as an unwanted load on the primary regulator. Because of
this, the active pull-down is deliberately “weak.” It can be
modeled as a 2k resistor in series with an internal clamp
voltage when the regulator output is being pulled high. If
a 4.8V output is pulled to 5V, for instance, the load on the
primary regulator would be (5V – 4.8V)/2kΩ = 100µA.
This also means that if the internal pass transistor leaks
50µA, the output voltage will be (50µA)(2kΩ) = 100mV
high. This condition will not occur under normal operating
conditions, but could occur immediately after an output
short circuit had overheated the chip.
Thermal Considerations
The LT1175 is available in a special 8-pin surface mount
packagewhichhasPins1and8connectedtothedieattach
paddle. This reduces thermal resistance when Pins 1 and 8
are connected to expanded copper lands on the PC board.
Table2showsthermalresistanceforvariouscombinations
of copper lands and backside or internal planes. Table 2
also shows thermal resistance for the 5-pin DD surface
mount package and the 8-pin DIP and package.
Table 2. Package Thermal Resistance (°C/W)
LAND AREA
DIP
ST
SO
Q
Minimum
140
90
100
60
Minimum with
Backplane
110
70
80
50
1cm2 Top Plane with
Backplane
100
64
75
35
10cm2 Top Plane
with Backplane
80
50
60
27
To calculate die temperature, maximum power dissipation
or maximum input voltage, use the following formulas
with correct thermal resistance numbers from Table 2.
For through-hole TO-220 applications use
θJA = 50°C/W
without a heat sink and
θJA = 5°C/W + heat sink thermal
resistance when using a heat sink.
Die
V
V
I
Maximum
JA
IN
OUT
LOAD
Temp = T +
A
θ
(
)(
)
Power Dissipation =
TMAX − TA
JA
θ
=
TMAX − TAA
JA LOAD
OUT
I
V
θ
(
)
+
Maximum Input Voltage
for Thermal Considerations


Similar Part No. - LT1175CQ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CQ-5 LINER-LT1175CQ-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175CQ-5 LINER-LT1175CQ-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CQ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com