Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS80010 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS80010
Description  PMU for Alkaline Battery-Powered Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS80010 Datasheet(HTML) 5 Page - Texas Instruments

  TPS80010 Datasheet HTML 1Page - Texas Instruments TPS80010 Datasheet HTML 2Page - Texas Instruments TPS80010 Datasheet HTML 3Page - Texas Instruments TPS80010 Datasheet HTML 4Page - Texas Instruments TPS80010 Datasheet HTML 5Page - Texas Instruments TPS80010 Datasheet HTML 6Page - Texas Instruments TPS80010 Datasheet HTML 7Page - Texas Instruments TPS80010 Datasheet HTML 8Page - Texas Instruments TPS80010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS80010
www.ti.com
SLVSAD1 A – JUNE 2010 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
TA = 0°C to 85°C; typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER (Continued)
IOFF
Off-mode current
0.1
1
mA
tSTART
Start-up time
From enable, VBOOST = 10% → 90%
0.25
10
ms
CL
Load capacitance
6
10
22
mF
L
Inductance
10
mH
POST REGULATION LDO
VIN
Input voltage at IN_VM
3.1
3.6
V
VLDO
Output voltage
10 µA
≤ IO ≤ IOMAX
2.91
3
3.09
V
IO
Output current
Normal mode
50
mA
ILIMIT
Current limit
VLDO > 1 V
300
400
500
mA
ISHORT
Short-circuit current
Output shorted to ground
30
60
150
mA
VREG
Line regulation
dVLDO/dVIN at IO = Max
0.2
%
LREG
Load regulation
VLDO (IOMIN) – VLDO(IOMAX)
40
mV
ΔVLN
Load transient response
IO = 20 mA/µs, VIN = 3.1 V
50
100
mV
IQ
Quiescent current
IO = 0 mA
16
17.6
µA
PSRR
Power-supply ripple rejection
f = 120 Hz to 1 kHz at IO = IOMAX/2, VIN = 3.1 V
40
dB
VRIP_NORM
Output ripple
VBAT < 3.1 V, IO = 50 mA, VIN = VBOOST
0.1
1
mVpp
VRIP_HIBAT
Output ripple
VBAT > 3.1 V, IO = 50 mA, VIN = VBOOST
4
10
mVpp
VBAT = 2.4 V, IO = 5 mA, VIN = VBOOST
87%
Boost plus LDO efficiency
VBAT = 2.4 V, IO = 50 mA, VIN = VBOOST
88%
tON
Turn-on time
IO = 0 mA, VLDO = 90%, CL = 2.9 µF
130
500
µs
tOFF
Turn-off time
IO = 0 mA, VLDO < 0.5 V, CL = 2.9 µF
3.9
5
ms
CL
Load capacitance
Ceramic capacitor, ESR = 10 m
Ω to 150 mΩ
4.7
10
22
µF
BATTERY LOAD MONITOR
VOP
Operating voltage
1.8
3.6
V
VIN
Input voltage at PP_BAT
1.8
3.6
V
Output voltage at
VOUT
VIN
V
BAT_CHECK
ILOAD
Load current
10
mA
RON
Switch on-resistance
VIN = 1.8 V to 3.6 V
12
15
Ω
BATTERY LOAD SWITCH
VOP
Operating voltage
1.8
3.6
V
Input voltage at
VIN
3.6
V
BAT_FALSELOAD
IIN
Input current
240
360
mA
RON
Switch on-resistance
500
m
Ω
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS80010


Similar Part No. - TPS80010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TPS80032A2ABYFFR TI1-TPS80032A2ABYFFR Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TPS80032A2D7YFFR TI1-TPS80032A2D7YFFR Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TPS80032A2F7YFFR TI1-TPS80032A2F7YFFR Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TPS80032A2F8YFFR TI1-TPS80032A2F8YFFR Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
More results

Similar Description - TPS80010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
Silicon Laboratories
AN856 SILABS-AN856 Datasheet
935Kb / 3P
   LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
logo
Duracell
LR43 DURACELL-LR43 Datasheet
176Kb / 1P
   Alkaline Manganese Dioxide Battery
logo
List of Unclassifed Man...
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
   Alkaline Manganese Dioxide Battery
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
   ALKALINE MANGANESE DIOXIDE BATTERY
MN1400 ETC2-MN1400 Datasheet
275Kb / 5P
   Alkaline-Manganese Dioxide Battery
LR54 ETC-LR54 Datasheet
43Kb / 1P
   Alkaline Manganese Dioxide Battery
logo
Toshiba Semiconductor
LR41 TOSHIBA-LR41 Datasheet
929Kb / 5P
   Alkaline Managaness Button-tupe battery
April 21, 2020
logo
Silicon Laboratories
AN834 SILABS-AN834 Datasheet
931Kb / 3P
   ALKALINE BATTERY LOW-VOLTAGE INDICATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com