Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1117CST-3.3PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1117CST-3.3PBF
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CST-3.3PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1117CST-3.3PBF Datasheet HTML 3Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 4Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 5Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 6Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 7Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 8Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 9Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 10Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
7
1117fd
APPLICATIONS INFORMATION
The LT1117 family of 3-terminal regulators are easy to
use. They are protected against short circuit and thermal
overloads. Thermal protection circuitry will shut down the
regulator should the junction temperature exceed 165°C
at the sense point. These regulators are pin compatible
with older 3-terminal adjustable regulators, offer lower
dropout voltage and more precise reference tolerance.
Reference stability over temperature is improved over
older types of regulators.
Stability
The LT1117 family of regulators requires an output
capacitor as part of the device frequency compensation.
A minimum of 10μF of tantalum or 50μF of aluminum
electrolytic is required. The ESR of the output capacitor
should be less than 0.5Ω. Surface mount tantalum
capacitors, which have very low ESR, are available from
several manufacturers.
When using the LT1117 adjustable device, the adjust
terminal can be bypassed to improve ripple rejection.
When the adjust terminal is bypassed, the required value
of the output capacitor increases. The device will require
an output capacitor of 22μF tantalum or 150μF aluminum
electrolytic when the adjust pin is bypassed.
Normally, capacitor values on the order of 100μF are
used in the output of many regulators to ensure good
load transient response with large load current changes.
Output capacitance can be increased without limit and
larger values of output capacitance further improve stability
and transient response.
Protection Diodes
In normal operation, the LT1117 family does not need any
protection diodes. Older adjustable regulators required
protection diodes between the adjust pin and the output
and between the output and input to prevent over stressing
the die. The internal current paths on the LT1117 adjust
pin are limited by internal resistors. Therefore, even with
capacitors on the adjust pin, no protection diode is needed
to ensure device safety under short-circuit conditions.
The adjust pin can be driven, on a transient basis, ± 25V with
respect to the output without any device degradation.
Diodes between input and output are not usually needed.
The internal diode between the output and input pins of
the device can withstand microsecond surge currents of
10A to 20A. Normal power supply cycling can not generate
currents of this magnitude. Only with extremely large output
capacitors, such as 1000μF and larger, and with the input
pin instantaneously shorted to ground can damage occur.
A crowbar circuit at the input of the LT1117 in combination
with a large output capacitor could generate currents large
enough to cause damage. In this case a diode from output
to input is recommended, as shown in Figure 1.
1117 F01
+
+
D1
1N4002
(OPTIONAL)
CADJ
10μF
R2
R1
COUT
150μF
VOUT
VIN
LT1117
IN
ADJ
OUT
Figure 1


Similar Part No. - LT1117CST-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117CST-3.3 LINER-LT1117CST-3.3 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-3.3 LINER-LT1117CST-3.3 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117CST-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com