Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1117CST-3.3PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1117CST-3.3PBF
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CST-3.3PBF Datasheet(HTML) 1 Page - Linear Technology

  LT1117CST-3.3PBF Datasheet HTML 1Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 2Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 3Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 4Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 5Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 6Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 7Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 8Page - Linear Technology LT1117CST-3.3PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
1
1117fd
TYPICAL APPLICATION
FEATURES
DESCRIPTION
800mA Low Dropout
Positive Regulators Adjustable
and Fixed 2.85V, 3.3V, 5V
The LT®1117 is a positive low dropout regulator designed
to provide up to 800mA of output current. The device is
available in an adjustable version and fixed output voltages
of 2.85V, 3.3V and 5V. The 2.85V version is designed
specifically to be used in Active Terminators for the SCSI
bus. All internal circuitry is designed to operate down to 1V
input to output differential. Dropout voltage is guaranteed
at a maximum of 1.2V at 800mA, decreasing at lower load
currents. On chip trimming adjusts the reference/output
voltage to within ± 1%. Current limit is also trimmed in
order to minimize the stress on both the regulator and the
power source circuitry under overload conditions.
The low profile surface mount SOT-223 package allows the
device to be used in applications where space is limited. The
LT1117 requires a minimum of 10μF of output capacitance
for stability. Output capacitors of this size or larger are
normally included in most regulator designs.
Unlike PNP type regulators where up to 10% of the output
currentiswastedasquiescentcurrent,thequiescentcurrent
of the LT1117 flows into the load, increasing efficiency.
Dropout Voltage (VIN – VOUT)
APPLICATIONS
n Space Saving SOT-223 Surface Mount Package
n 3-Terminal Adjustable or Fixed 2.85V, 3.3V, 5V
n Output Current of 800mA
n Operates Down to 1V Dropout
n Guaranteed Dropout Voltage at Multiple Current Levels
n 0.2% Line Regulation Max
n 0.4% Load Regulation Max
n Active SCSI Terminators
n High Efficiency Linear Regulators
n Post Regulators for Switching Supplies
n Battery Chargers
n 5V to 3.3V Linear Regulators
L, LT, LTC, LTM, Linear Technology, OPTI-LOOP and the Linear logo are registered trademarks
of Linear Technology Corporation. UltraFast is a trademark of Linear Technology Corporation. All
other trademarks are the property of their respective owners.
OUTPUT CURRENT (mA)
0
0
0.2
0.4
0.6
0.8
1.0
1.4
100
400
600
800
1117 TA02
1.2
200 300
500
700
TJ = 25°C
TJ = 125°C
INDICATES GUARANTEED TEST POINT
0°C ≤ TJ ≤ 125°C
–40°C ≤ TJ < 0°C
18 TO 27
LINES
1117 TA01
10μF
110Ω
110Ω
110Ω
110Ω
4.75V TO
5.25V
22μF
LT1117-2.85
IN
GND
OUT
+
+
Active Terminator for SCSI-2 Bus


Similar Part No. - LT1117CST-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117CST-3.3 LINER-LT1117CST-3.3 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-3.3 LINER-LT1117CST-3.3 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117CST-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com