Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3DV20812RHHR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV20812RHHR
Description  2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812RHHR Datasheet(HTML) 5 Page - Texas Instruments

  TS3DV20812RHHR Datasheet HTML 1Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 2Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 3Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 4Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 5Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 6Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 7Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 8Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TS3DV20812
www.ti.com
SCDS302 – JUNE 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 10 pF (unless otherwise
noted) (see Figure 9 and Figure 10)
FROM
TO
MIN
TYP(1)
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
tpd
(2)
Dn
DA or DB
149
ps
tPZH, tPZL
SEL
DA or DB
0.5
15
ns
tPHZ, tPLZ
SEL
DA or DB
0.9
12
ns
SEL to switch turn on time
DA or DB
9
14
ns
SEL to switch turn off time
DA or DB
5
11
ns
tsk(o)
(3)
Dn (+)(-), DA(+)(-), DB(+)(-)
22
28
ps
tsk(o)
Dn (all), DnA(all), DnB(All)
19
25
ps
tsk(p)
(4)
22
31
ps
(1)
All typical values are at VDD = 2.5 V (unless otherwise noted), TA = 25°.
(2)
The propagation delay is the calculated RC time constant of the typical ON-State resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port to any other port.
(4)
Skew between opposite transitions of the same output in a given device |tPHL – tPLH|
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 2.5V ± 0.25 V, RL = 200 Ω, CL = 10 pF (unless otherwise
noted) (see Figure 9 and Figure 10)
FROM
TO
MIN
TYP(1)
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
tpd
(2)
Dn
DA or DB
149
ps
tPZH, tPZL
SEL
DA or DB
0.5
14
ns
tPHZ, tPLZ
SEL
DA or DB
0.9
15
ns
SEL to switch turn on time
DA or DB
9
17
ns
SEL to switch turn off time
DA or DB
DA or DB
5
18
ns
tsk(o)
(3)
Dn (+)(-), DA(+)(-), DB(+)(-)
22
31
ps
tsk(o)
Dn (all), DnA(all), DnB(All)
19
23
ps
tsk(p)
(4)
22
33
ps
(1)
All typical values are at VDD = 2.5 V (unless otherwise noted), TA = 25°.
(2)
The propagation delay is the calculated RC time constant of the typical ON-State resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port to any other port.
(4)
Skew between opposite transitions of the same output in a given device |tPHL – tPLH|
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3DV20812


Similar Part No. - TS3DV20812RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
More results

Similar Description - TS3DV20812RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812_1 Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com