Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22960 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22960
Description  LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22960 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22960_1 Datasheet HTML 1Page - Texas Instruments TPS22960_1 Datasheet HTML 2Page - Texas Instruments TPS22960_1 Datasheet HTML 3Page - Texas Instruments TPS22960_1 Datasheet HTML 4Page - Texas Instruments TPS22960_1 Datasheet HTML 5Page - Texas Instruments TPS22960_1 Datasheet HTML 6Page - Texas Instruments TPS22960_1 Datasheet HTML 7Page - Texas Instruments TPS22960_1 Datasheet HTML 8Page - Texas Instruments TPS22960_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
RSE PACKAGE
(TOP VIEW)
V
IN2
V
OUT1
V
IN1
ON1
SR
ON2
GND
V
OUT2
7
1
6
2
8
5
3
4
DCN PACKAGE
(TOP VIEW)
8
1
6
3
7
2
V
IN1
ON2
ON1
V
IN2
5
4
V
OUT1
GND
SR
V
OUT2
TPS22960
www.ti.com ..................................................................................................................................................................................................... SLVS914 – APRIL 2009
LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
• GPS Devices
• Integrated Dual Load Switch
• Cell Phones/PDAs
• Input Voltage Range: 1.62 V to 5.5 V
• MP3 Players
• Low ON-State Resistance
• Digital Cameras
rON = 342 mΩ at VIN = 5.5 V
rON = 435 mΩ at VIN = 3.3 V
rON = 523 mΩ at VIN = 2.6 V
rON = 714 mΩ at VIN = 1.8 V
• 500-mA Maximum Continuous Switch Current
• Low Quiescent Current and Shutdown Current
• Controlled Switch Output Rise Time: 75 µs or
660
µs
• Integrated Quick Output Discharge Transistor
• ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
• 8-Pin SOT (DCN) Package: 3 mm × 3 mm
• 8-Pin µQFN (RSE) Package: 1.5 mm × 1.5 mm
The TPS22960 is a small low-rON dual load switch
with controlled turn on. The devices contain two
P-channel MOSFETs that can operate over an input
voltage range of 1.62 V to 5.5 V. Each switch is
controlled by an on/off input (ON1 and ON2), which is
capable of interfacing directly with low-voltage control
signals. In TPS22960 a 85-
Ω on-chip load resistor is
added for output quick discharge when switch is
turned off.
The rise time (slew-rate) of the device is internally
controlled in order to avoid inrush current and can be
slowed down if needed using the SR pin: TPS22960
feature a 75
µs rise time with the SR pin tied to
ground and 660
µs with the SR pin tied to high.
The TPS22960 is available in a space-saving 8-pin
µQFN package and in an 8-pin SOT package. It is
characterized
for
operation
over
the
free-air
temperature range of –40°C to 85°C.
rON AT 3.3 V
SLEW RATE AT 3.3 V
QUICK OUTPUT
MAX OUTPUT
DEVICE
ENABLE
(TYP)
(TYP)
DISCHARGE(1)
CURRENT
75
µs with SR = low
TPS22960
435 m
Yes
500 mA
Active High
660
µs with SR = high
(1)
This feature discharges the output of the switch to ground through a 85-
Ω resistor, preventing the output from floating.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22960_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI1-TPS22960_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Input Voltage, Dual-Load Switch
More results

Similar Description - TPS22960_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960_2 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8988 A-POWER-APE8988_16 Datasheet
758Kb / 10P
   1.5A LOAD SWITCH WITH CONTROLLED TURN ON
APE8988 A-POWER-APE8988_14 Datasheet
764Kb / 10P
   1.5A LOAD SWITCH WITH CONTROLLED TURN ON
APE8988B A-POWER-APE8988B Datasheet
672Kb / 9P
   3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com