Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5282 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5282
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5282 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5282 Datasheet HTML 1Page - Texas Instruments ADS5282 Datasheet HTML 2Page - Texas Instruments ADS5282 Datasheet HTML 3Page - Texas Instruments ADS5282 Datasheet HTML 4Page - Texas Instruments ADS5282 Datasheet HTML 5Page - Texas Instruments ADS5282 Datasheet HTML 6Page - Texas Instruments ADS5282 Datasheet HTML 7Page - Texas Instruments ADS5282 Datasheet HTML 8Page - Texas Instruments ADS5282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Typical values at +25
°C. Minimum and maximum values are measured across the specified temperature range of T
MIN =
–40
°C to T
MAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.
ADS528x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE VOLTAGES
VREFB
Reference bottom
0.5
V
VREFT
Reference top
2.5
V
VREFT – VREFB
1.95
2.0
2.05
V
VCM
Common-mode voltage (internal)
1.425
1.5
1.575
V
VCM output current
±2
mA
EXTERNAL REFERENCE VOLTAGES
VREFB
Reference bottom
0.4
0.5
0.6
V
VREFT
Reference top
2.4
2.5
2.6
V
VREFT – VREFB
1.9
2.0
2.1
V
ANALOG INPUT
Differential input voltage range
2.0
VPP
Differential input capacitance
3
pF
Analog input bandwidth
520
MHz
Analog input common-mode range
DC-coupled input
VCM ± 0.05
V
Per input pin per MSPS of sampling
µA/MHz
Analog input common-mode current
2.5
speed
per pin
Recovery from 6dB overload to within 1%
Voltage overload recovery time
1
Clock cycle
accuracy
Standard deviation seen on a periodic
Voltage overload recovery repeatability
first data within full-scale range in a 6dB
1
LSB
overloaded sine wave
DC ACCURACY
Offset error
–1.25
±0.2
+1.25
%FS
Offset error temperature coefficient(2)
±5
ppm/
°C
Channel gain error
Excludes error in internal reference
–0.8
%FS
Channel gain error temperature
Excludes temperature coefficient of
±10
ppm/
°C
coefficient
internal reference
Internal reference error temperature
±15
ppm/
°C
coefficient(3)
DC PSRR
DC power-supply rejection ratio(4)
1.5
mV/V
POWER-DOWN MODES
Power in complete power-down mode
45
mW
Power in partial power-down mode
Clock at 65MSPS
135
mW
Power with no clock
88
mW
DYNAMIC PERFORMANCE
5MHz full-scale signal applied to seven
Crosstalk
channels, measurement taken on channel
–90
dBc
with no input signal
Two-tone, third-order intermodulation
f1 = 9.5MHz at –7dBFs
–92
dBFS
distortion
f2 = 10.2MHz at –7dBFs
(1)
All characteristics are common for the ADS528x family.
(2)
The offset temperature coefficient in ppm/
°C is defined as (O
1 – O2) × 10
6/(T
1 – T2)/4096, where O1 and O2 are the offset codes in LSB
at the two extreme temperatures, T1 and T2.
(3)
The internal reference temperature coefficient is defined as (REF1 – REF2) × 10
6/(T
1 – T2)/2, where REF1 and REF2 are the internal
reference voltages (VREFT – VREFB) at the two extreme temperatures, T1 and T2.
(4)
DC PSRR is defined as the ratio of the change in the ADC output (expressed in mV) to the change in supply voltage (in volts).
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5281 ADS5282


Similar Part No. - ADS5282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5282 TI-ADS5282 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
ADS5282IRGCR TI-ADS5282IRGCR Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282IRGCT TI-ADS5282IRGCT Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
More results

Similar Description - ADS5282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com