Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5282 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5282
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5282 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5282 Datasheet HTML 1Page - Texas Instruments ADS5282 Datasheet HTML 2Page - Texas Instruments ADS5282 Datasheet HTML 3Page - Texas Instruments ADS5282 Datasheet HTML 4Page - Texas Instruments ADS5282 Datasheet HTML 5Page - Texas Instruments ADS5282 Datasheet HTML 6Page - Texas Instruments ADS5282 Datasheet HTML 7Page - Texas Instruments ADS5282 Datasheet HTML 8Page - Texas Instruments ADS5282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
12-Bit
ADC
PLL
Serializer
1xADCLK
6xADCLK
IN1
P
IN1
N
OUT1
P
OUT1
N
LCLK
P
LCLK
N
ADCLK
P
ADCLK
N
12xADCLK
12-Bit
ADC
Serializer
Digital
Digital
Reference
IN8
P
IN8
N
OUT8
P
OUT8
N
Registers
ADC
Control
Clock
Buffer
Power-
Down
Channels
2to7
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
www.ti.com
12-Bit Octal-Channel ADC Family Up to 65MSPS
234
• Speed and Resolution Grades:
The ADS528x is a family of high-performance,
low-power, octal channel analog-to-digital converters
ADS5281: 12-bit, 50MSPS
(ADCs). Available in either a 9mm
× 9mm QFN
ADS5282: 12-bit, 65MSPS
package or an HTQFP-80 package, with serialized
• Power Dissipation:
low-voltage differential signaling (LVDS) outputs and
48mW/Channel at 30MSPS
a
wide
variety
of
programmable
features,
the
ADS528x is highly customizable for a diversity of
55mW/Channel at 40MSPS
applications and offers an unprecedented level of
64mW/Channel at 50MSPS
system integration. An application note, XAPP774
77mW/Channel at 65MSPS
(available at www.xilinx.com), describes how to
interface the serial LVDS outputs of TI's ADCs to
• 70dBFS SNR at 10MHz IF
Xilinx® field-programmable gate arrays (FPGAs). The
• Analog Input Full-Scale Range: 2V
PP
ADS528x family is specified over the industrial
• Low-Frequency Noise Suppression Mode
temperature range of –40
°C to +85°C.
• 6dB Overload Recovery In One Clock
• External and Internal (Trimmed) Reference
• 3.3V Analog Supply, 1.8V Digital Supply
• Single-Ended or Differential Clock:
Clock Duty Cycle Correction Circuit (DCC)
• Programmable Digital Gain: 0dB to 12dB
• Serialized DDR LVDS Output
• Programmable LVDS Current Drive, Internal
Termination
• Test Patterns for Enabling Output Capture
• Straight Offset Binary or Two's Complement
Output
• Package Options:
9mm
× 9mm QFN-64
HTQFP-80 PowerPAD™ Compatible with
ADS527x Family
• Medical Imaging
• Wireless Base-Station Infrastructure
• Test and Measurement Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Inc.
3
Xilinx is a registered trademark of Xilinx, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5282 TI-ADS5282 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
ADS5282IRGCR TI-ADS5282IRGCR Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5282IRGCT TI-ADS5282IRGCT Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
More results

Similar Description - ADS5282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com