Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2401A8167R-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC2401A8167R-G
Description  1.6 GHz Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2401A8167R-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC2401A8167R-G Datasheet HTML 6Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 7Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 8Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 9Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 10Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 11Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 12Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 13Page - Torex Semiconductor XC2401A8167R-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
XC2401A8167R-G
XC2401A816
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD=1.2V,Pin=-30dBm
f =1.575&1.576GHz
XC2401A816
-13.5
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
1.12 1.14 1.16 1.18 1.2 1.22 1.24 1.26 1.28
Supply Voltage: V
DD(V )
Ta=25℃、f=1.575GHz
XC2401A816
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD=1.2V
XC2401A816
13.5
14.0
14.5
15.0
15.5
16.0
16.5
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD= 1.2V Pin=-35dBm
XC2401A816
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD= 1.2V Pin=-35dBm
XC2401A816
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
VDD= 1.2V Pin=-35dBm
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Input 3 Order Intercept Point vs. Supply Voltage
(8) Input Power @ 1dB Gain compression vs. Power Supply Voltage
(11) Input Return Loss vs. Ambient Temperature
(12) Output Return Loss vs. Ambient Temperature
(9) Supply Current vs. Ambient Temperature
(10) Power Gain vs. Ambient Temperature


Similar Part No. - XC2401A8167R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results

Similar Description - XC2401A8167R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Tyco Electronics
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
   1.6 GHz GaAs LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com