Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1797 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 2 Page - Linear Technology

  LT1797_1 Datasheet HTML 1Page - Linear Technology LT1797_1 Datasheet HTML 2Page - Linear Technology LT1797_1 Datasheet HTML 3Page - Linear Technology LT1797_1 Datasheet HTML 4Page - Linear Technology LT1797_1 Datasheet HTML 5Page - Linear Technology LT1797_1 Datasheet HTML 6Page - Linear Technology LT1797_1 Datasheet HTML 7Page - Linear Technology LT1797_1 Datasheet HTML 8Page - Linear Technology LT1797_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT1797
2
1797fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V).............................. 12.6V
Input Differential Voltage ....................................... 12.6V
Input Current........................................................ ±10mA
Output Short-Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range (Note 3) ...–40°C to 85°C
Specified Temperature Range ..................–40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
4
5
3
1
OUT
V
+IN
V
+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
2
+ –
TJMAX = 150°C, θJA = 250°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1797CS5#PBF
LT1797CS5#TRPBF
LTLM
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1797IS5#PBF
LT1797IS5#TRPBF
LTTL
5-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, pulse power tested,
unless otherwise specified. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1
1.5
2.5
3.0
mV
mV
mV
Input Offset Voltage Drift (Note 4)
l
520
μV/°C
IB
Input Bias Current
VCM = V
VCM = V+
l
l
–300
–150
50
100
nA
nA
Input Bias Current Drift
l
0.1
nA/°C
IOS
Input Offset Current
VCM = V
VCM = V+
l
l
10
10
25
25
nA
nA
Input Noise Voltage
0.1Hz to 10Hz
1.5
μVP-P
en
Input Noise Voltage Density
f = 10kHz
20
nV/√Hz
in
Input Noise Current Density
f = 10kHz
f = 10kHz, VCM = VCC – 0.3V
0.23
0.15
pA/√Hz
pA/√Hz
RIN
Input Resistance
Differential
Common Mode, VCM = 0V to VS – 1.3V
200
330
100
CIN
Input Capacitance
4pF
CMRR
Common Mode Rejection Ratio
VCM = 0V to VS – 1.3V
VS = 5V, VCM = 0V to 5V
VS = 3V, VCM = 0V to 3V
l
l
l
82
64
60
96
72
68
dB
dB
dB


Similar Part No. - LT1797_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1797_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com