Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1789CS8-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1789CS8-10
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789CS8-10 Datasheet(HTML) 2 Page - Linear Technology

  LT1789CS8-10 Datasheet HTML 1Page - Linear Technology LT1789CS8-10 Datasheet HTML 2Page - Linear Technology LT1789CS8-10 Datasheet HTML 3Page - Linear Technology LT1789CS8-10 Datasheet HTML 4Page - Linear Technology LT1789CS8-10 Datasheet HTML 5Page - Linear Technology LT1789CS8-10 Datasheet HTML 6Page - Linear Technology LT1789CS8-10 Datasheet HTML 7Page - Linear Technology LT1789CS8-10 Datasheet HTML 8Page - Linear Technology LT1789CS8-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1789-1/LT1789-10
2
1789fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V)..........................................36V
Input Differential Voltage ..........................................36V
Input Current (Note 3)......................................... ±20mA
Output Short-Circuit Duration.......................... Indefinite
Operating Temperature Range .................–40°C to 85°C
Specified Temperature Range (Note 4)
LT1789C-1, LT1789C-10.......................–40°C to 85°C
LT1789I-1, LT1789I-10 ........................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
RG
+VS
OUT
REF
RG
–IN
+IN
–VS
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1789CS8-1#PBF
LT1789CS8-1#TRPBF
17891
8-Lead Plastic SO
–40°C to 85°C
LT1789IS8-1#PBF
LT1789IS8-1#TRPBF
1789I1
8-Lead Plastic SO
–40°C to 85°C
LT1789CS8-10#PBF
LT1789CS8-10#TRPBF
178910
8-Lead Plastic SO
–40°C to 85°C
LT1789IS8-10#PBF
LT1789IS8-10#TRPBF
789I10
8-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1789CS8-1
LT1789CS8-1#TR
17891
8-Lead Plastic SO
–40°C to 85°C
LT1789IS8-1
LT1789IS8-1#TR
1789I1
8-Lead Plastic SO
–40°C to 85°C
LT1789CS8-10
LT1789CS8-10#TR
178910
8-Lead Plastic SO
–40°C to 85°C
LT1789IS8-10
LT1789IS8-10#TR
789I10
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
3V AND 5V ELECTRICAL CHARACTERISTICS V
S = 3V, 0V; VS = 5V, 0V; RL = 20k, VCM = VREF = half
supply, TA = 25°C, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
LT1789-1
LT1789-10
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
G
Gain Range
LT1789-1, G = 1 + (200k/RG)
LT1789-10, G = 10 • [1+ (200k/RG)]
1
1000
10
1000
Gain Error (Note 6)
G = 1, VO = 0.1V to (+VS) – 1V
0.02
0.20
%
LT1789-1, VO = 0.1V to (+VS) – 0.3V
LT1789-10, VO = 0.2V to (+VS) – 0.3V
G = 10 (Note 2)
G = 100 (Note 2)
G = 1000 (Note 2)
0.06
0.06
0.13
0.25
0.27
0.01
0.09
0.16
0.25
0.30
%
%
%
Gain Nonlinearity (Note 6)
G = 1, VO = 0.1V to (+VS) – 1V
35
100
ppm
LT1789-1, VO = 0.1V to (+VS) – 0.3V
LT1789-10, VO = 0.2V to 4.7V, VS = 5V
(Note 8)
G = 10
G = 100
G = 1000
12
18
90
40
75
15
20
100
100
100
ppm
ppm
ppm


Similar Part No. - LT1789CS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789CS8-10 LINER-LT1789CS8-10 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789CS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com