Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21440IUZ-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL21440IUZ-T13
Description  Micropower Voltage Reference with Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440IUZ-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21440IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6532.1
March 2, 2010
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL21440IUZ
1440Z
2 to 11
-40 to +125
8 Ld MSOP
M8.118
ISL21440IUZ-T13 (Note 1)
1440Z
2 to 11
-40 to +125
8 Ld MSOP
M8.118
ISL21440IRTZ
1440
2 to 11
-40 to +125
8 Ld TDFN
L8.3x3G
ISL21440IRTZ-T13 (Note 1)
1440
2 to 11
-40 to +125
8 Ld TDFN
L8.3x3G
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21440. For more information on MSL please
see techbrief TB363.
ISL21440


Similar Part No. - ISL21440IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21440IUZ-T13 RENESAS-ISL21440IUZ-T13 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Similar Description - ISL21440IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com