Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28127 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL28127
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28127_10 Datasheet HTML 2Page - Intersil Corporation ISL28127_10 Datasheet HTML 3Page - Intersil Corporation ISL28127_10 Datasheet HTML 4Page - Intersil Corporation ISL28127_10 Datasheet HTML 5Page - Intersil Corporation ISL28127_10 Datasheet HTML 6Page - Intersil Corporation ISL28127_10 Datasheet HTML 7Page - Intersil Corporation ISL28127_10 Datasheet HTML 8Page - Intersil Corporation ISL28127_10 Datasheet HTML 9Page - Intersil Corporation ISL28127_10 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL28127, ISL28227
6
FN6633.3
March 18, 2010
Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -40°C to +125°C. Temperature data established
by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage
-70
10
70
µV
-120
-
120
µV
VOS/T
Offset Voltage Drift
-0.5
0.1
0.5
µV/°C
IOS
Input Offset Current
-10
1
10
nA
-12
-
12
nA
IB
Input Bias Current
10
1
10
nA
-12
-
12
nA
VCM
Common Mode Input Voltage
Range
Guaranteed by CMRR
-3
-
3
V
-2
-
2
V
CMRR
Common-Mode Rejection Ratio
VCM = -3V to +3V
115
120
-
dB
VCM = -2V to +2V
115
--
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±5V
115
125
-
dB
VS = ±3V to ±5V
115
--
dB
AVOL
Open-Loop Gain
VO = -3V to +3V
RL = 10kΩ to ground
1000
1500
-
V/mV
VOH
Output Voltage High
RL = 10kΩ to ground
3.5
3.65
-
V
3.2
--
V
RL = 2kΩ to ground
3.4
3.5
-
3.1
-
-
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-
-3.65
-3.5
V
--
-3.2
V
RL = 2kΩ to ground
-
-3.5
-3.4
-
-
-3.1
V
IS
Supply Current/Amplifier
-
2.2
2.8
mA
-
-
3.7
mA
ISC
Short-Circuit
-
± 45
-
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
10
MHz
THD + N
Total Harmonic Distortion +
Noise
1kHz, G = 1, Vo = 2.5VRMS,
RL = 2kΩ
0.0034
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2kΩOH
±3.6
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
36
ns
Fall Time
90% to 10% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
38
ns
ts
Settling Time to 0.1%
AV = -1, VOUT = 4VP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
1.6
µs
Settling Time to 0.01%
AV = -1, VOUT = 4VP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
4.2
µs
NOTE:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.


Similar Part No. - ISL28127_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28127_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com