Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763IDE-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LT1763IDE-TR
Description  500mA, Low Noise, LDO Micropower Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763IDE-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1763IDE-TR Datasheet HTML 4Page - Linear Technology LT1763IDE-TR Datasheet HTML 5Page - Linear Technology LT1763IDE-TR Datasheet HTML 6Page - Linear Technology LT1763IDE-TR Datasheet HTML 7Page - Linear Technology LT1763IDE-TR Datasheet HTML 8Page - Linear Technology LT1763IDE-TR Datasheet HTML 9Page - Linear Technology LT1763IDE-TR Datasheet HTML 10Page - Linear Technology LT1763IDE-TR Datasheet HTML 11Page - Linear Technology LT1763IDE-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT1763 Series
8
1763fg
TYPICAL PERFORMANCE CHARACTERISTICS
LT1763-5
Output Voltage
LT1763
ADJ Pin Voltage
LT1763-1.5
Quiescent Current
TEMPERATURE (°C)
–50
100
1763 G10
050
5.100
5.075
5.050
5.025
5.000
4.975
4.950
4.925
4.900
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1763 G11
050
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
–25
25
75
125
IL = 1mA
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1763 G12
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL =
VSHDN = 0V
LT1763-1.8
Quiescent Current
LT1763-2.5
Quiescent Current
LT1763-3
Quiescent Current
LT1763-3.3
Quiescent Current
LT1763-5
Quiescent Current
LT1763
Quiescent Current
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1763 G13
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL =
VSHDN = 0V
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1763 G14
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL =
VSHDN = 0V
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1763 G15
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL =
VSHDN = 0V
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1763 G16
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL =
VSHDN = 0V
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1763 G17
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL =
VSHDN = 0V
INPUT VOLTAGE (V)
0
40
35
30
25
20
15
10
5
0
16
1763 G18
4
2
6
10
14
18
8
12
20
VSHDN = VIN
TJ = 25°C
RL = 250k
VSHDN = 0V


Similar Part No. - LT1763IDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763IS8 LINER-LT1763IS8 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5 LINER-LT1763IS8-1.5 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5PBF LINER-LT1763IS8-1.5PBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5TR LINER-LT1763IS8-1.5TR Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5TRPBF LINER-LT1763IS8-1.5TRPBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763IDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com