Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761MPS5-5-TR Datasheet(PDF) 2 Page - Linear Technology

Part # LT1761MPS5-5-TR
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761MPS5-5-TR Datasheet(HTML) 2 Page - Linear Technology

  LT1761MPS5-5-TR Datasheet HTML 1Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 2Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 3Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 4Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 5Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 6Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 7Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 8Page - Linear Technology LT1761MPS5-5-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT1761 Series
2
1761sff
IN Pin Voltage .........................................................±20V
OUT Pin Voltage......................................................±20V
Input to Output Differential Voltage.........................±20V
ADJ Pin Voltage ...................................................... ±7V
BYP Pin Voltage .....................................................±0.6V
SHDN Pin Voltage ................................................. ±20V
(Note 1)
ABSOLUTE MAXIMUM RATINGS
5 OUT
4 ADJ
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
BYP 3
TJMAX = 150°C, θJA = 250°C/W
SEE APPLICATIONS INFORMATION SECTION
5 OUT
4 ADJ
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
SHDN 3
TJMAX = 150°C, θJA = 250°C/W
SEE APPLICATIONS INFORMATION SECTION
5 OUT
4 BYP
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
SHDN 3
TJMAX = 150°C, θJA = 250°C/W
SEE APPLICATIONS INFORMATION SECTION
PIN CONFIGURATION
Output Short-Circuit Duration ........................ Indefinite
Operating Junction Temperature Range
E, I Grade (Note 2)............................. –40°C to 125°C
MP Grade (Note 2)............................. –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING *
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1761ES5-BYP#PBF
LT1761ES5-BYP#TRPBF
LTGC
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-BYP#PBF
LT1761IS5-BYP#TRPBF
LTGC
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-SD#PBF
LT1761ES5-SD#TRPBF
LTGH
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-SD#PBF
LT1761IS5-SD#TRPBF
LTGH
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-1.2#PBF
LT1761ES5-1.2#TRPBF
LTCDS
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-1.2#PBF
LT1761IS5-1.2#TRPBF
LTCDS
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-1.5#PBF
LT1761ES5-1.5#TRPBF
LTMT
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-1.5#PBF
LT1761IS5-1.5#TRPBF
LTMT
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-1.8#PBF
LT1761ES5-1.8#TRPBF
LTJM
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-1.8#PBF
LT1761IS5-1.8#TRPBF
LTJM
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761MPS5-1.8#PBF
LT1761MPS5-1.8#TRPBF
LTDCH
5-Lead Plastic TSOT-23
–55°C to 125°C
LT1761ES5-2#PBF
LT1761ES5-2#TRPBF
LTJE
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-2#PBF
LT1761IS5-2#TRPBF
LTJE
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-2.5#PBF
LT1761ES5-2.5#TRPBF
LTGD
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-2.5#PBF
LT1761IS5-2.5#TRPBF
LTGD
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-2.8#PBF
LT1761ES5-2.8#TRPBF
LTLB
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-2.8#PBF
LT1761IS5-2.8#TRPBF
LTLB
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-3#PBF
LT1761ES5-3#TRPBF
LTGE
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-3#PBF
LT1761IS5-3#TRPBF
LTGE
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761ES5-3.3#PBF
LT1761ES5-3.3#TRPBF
LTGF
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761IS5-3.3#PBF
LT1761IS5-3.3#TRPBF
LTGF
5-Lead Plastic TSOT-23
–40°C to 125°C
LT1761MPS5-3.3#PBF
LT1761MPS5-3.3#TRPBF
LTGF
5-Lead Plastic TSOT-23
–55°C to 125°C
LT1761-BYP
LT1761-SD
LT1761-X
ORDER INFORMATION


Similar Part No. - LT1761MPS5-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1761MPS5-5 LINEAR_DIMENSIONS-LT1761MPS5-5 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761MPS5-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com