Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763MPDE-1.5-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1763MPDE-1.5-TR
Description  500mA, Low Noise, LDO Micropower Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763MPDE-1.5-TR Datasheet(HTML) 4 Page - Linear Technology

  LT1763MPDE-1.5-TR Datasheet HTML 1Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 2Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 3Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 4Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 5Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 6Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 7Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 8Page - Linear Technology LT1763MPDE-1.5-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT1763 Series
4
1763fg
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
C, I Grade: ILOAD = 500mA (Notes 3, 11)
MP Grade: ILOAD = 500mA (Notes 3, 11)
l
l
1.8
1.8
2.3
2.35
V
V
Regulated Output Voltage
(Note 4)
LT1763-1.5
VIN = 2V, ILOAD = 1mA
2.5V < VIN < 20V, 1mA < ILOAD < 500mA
l
1.485
1.462
1.5
1.5
1.515
1.538
V
V
LT1763-1.8
VIN = 2.3V, ILOAD = 1mA
2.8V < VIN < 20V, 1mA < ILOAD < 500mA
l
1.782
1.755
1.8
1.8
1.818
1.845
V
V
LT1763-2.5
VIN = 3V, ILOAD = 1mA
3.5V < VIN < 20V, 1mA < ILOAD < 500mA
l
2.475
2.435
2.5
2.5
2.525
2.565
V
V
LT1763-3
VIN = 3.5V, ILOAD = 1mA
4V < VIN < 20V, 1mA < ILOAD < 500mA
l
2.970
2.925
3
3
3.030
3.075
V
V
LT1763-3.3
VIN = 3.8V, ILOAD = 1mA
4.3V < VIN < 20V, 1mA < ILOAD < 500mA
l
3.267
3.220
3.3
3.3
3.333
3.380
V
V
LT1763-5
VIN = 5.5V, ILOAD = 1mA
6V < VIN < 20V, 1mA < ILOAD < 500mA
l
4.950
4.875
5
5
5.050
5.125
V
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1763CDE-3.3
LT1763CDE-3.3#TR
76333
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763IDE-3.3
LT1763IDE-3.3#TR
76333
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763MPDE-3.3
LT1763MPDE-3.3#TR
76333
12-Lead (4mm × 3mm) Plastic DFN
–55°C to 125°C
LT1763CDE-5
LT1763CDE-5#TR
17635
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763IDE-5
LT1763IDE-5#TR
17635
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763MPDE-5
LT1763MPDE-5#TR
17635
12-Lead (4mm × 3mm) Plastic DFN
–55°C to 125°C
LT1763CS8
LT1763CS8#TR
1763
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8
LT1763IS8#TR
1763
8-Lead Plastic SO
–40°C to 125°C
LT1763MPS8
LT1763MPS8#TR
1763MP
8-Lead Plastic SO
–55°C to 125°C
LT1763CS8-1.5
LT1763CS8-1.5#TR
176315
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8-1.5
LT1763IS8-1.5#TR
176315
8-Lead Plastic SO
–40°C to 125°C
LT1763CS8-1.8
LT1763CS8-1.8#TR
176318
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8-1.8
LT1763IS8-1.8#TR
176318
8-Lead Plastic SO
–40°C to 125°C
LT1763CS8-2.5
LT1763CS8-2.5#TR
176325
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8-2.5
LT1763IS8-2.5#TR
176325
8-Lead Plastic SO
–40°C to 125°C
LT1763CS8-3
LT1763CS8-3#TR
17633
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8-3
LT1763IS8-3#TR
17633
8-Lead Plastic SO
–40°C to 125°C
LT1763CS8-3.3
LT1763CS8-3.3#TR
176333
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8-3.3
LT1763IS8-3.3#TR
176333
8-Lead Plastic SO
–40°C to 125°C
LT1763CS8-5
LT1763CS8-5#TR
17635
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8-5
LT1763IS8-5#TR
17635
8-Lead Plastic SO
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LT1763MPDE-1.5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763MPS8 LINER-LT1763MPS8 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763MPS8PBF LINER-LT1763MPS8PBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763MPS8TR LINER-LT1763MPS8TR Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763MPS8TRPBF LINER-LT1763MPS8TRPBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763MPDE-1.5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com