Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763MPDE-3.3 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1763MPDE-3.3
Description  500mA, Low Noise, LDO Micropower Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763MPDE-3.3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1763MPDE-3.3 Datasheet HTML 5Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 6Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 7Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 8Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 9Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 10Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 11Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 12Page - Linear Technology LT1763MPDE-3.3 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT1763 Series
9
1763fg
TYPICAL PERFORMANCE CHARACTERISTICS
LT1763-1.5
GND Pin Current
LT1763-1.8
GND Pin Current
LT1763-2.5
GND Pin Current
INPUT VOLTAGE (V)
1200
1000
800
600
400
200
0
1763 G19
0123
4
5
67
8
9
10
RL = 30Ω
IL = 50mA*
RL = 150Ω
IL = 10mA*
RL = 1.5k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.5V
INPUT VOLTAGE (V)
1200
1000
800
600
400
200
0
1763 G20
0123
4
5
67
8
9
10
RL = 36Ω
IL = 50mA*
RL = 180Ω
IL = 10mA*
RL = 1.8k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.8V
INPUT VOLTAGE (V)
1200
1000
800
600
400
200
0
1763 G21
0123
4
5
67
8
9
10
RL = 50Ω
IL = 50mA*
RL = 250Ω
IL = 10mA*
RL = 2.5k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 2.5V
LT1763-3
GND Pin Current
LT1763-3.3
GND Pin Current
LT1763-5
GND Pin Current
LT1763
GND Pin Current
LT1763-1.5
GND Pin Current
LT1763-1.8
GND Pin Current
INPUT VOLTAGE (V)
1200
1000
800
600
400
200
0
1763 G22
0123
4
5
67
8
9
10
RL = 60Ω
IL = 50mA*
RL = 300Ω
IL = 10mA*
RL = 3k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3V
INPUT VOLTAGE (V)
1200
1000
800
600
400
200
0
1763 G23
0123
4
5
67
8
9
10
RL = 66Ω
IL = 50mA*
RL = 330Ω
IL = 10mA*
RL = 3.3k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3.3V
INPUT VOLTAGE (V)
1200
1000
800
600
400
200
0
1763 G24
0123
4
5
67
8
9
10
RL = 100Ω
IL = 50mA*
RL = 500Ω
IL = 10mA*
RL = 5k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 5V
INPUT VOLTAGE (V)
1200
1000
800
600
400
200
0
1763 G25
0123
4
5
67
8
9
10
RL = 24.4Ω
IL = 50mA*
RL = 122Ω
IL = 10mA*
RL = 1.22k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.22V
INPUT VOLTAGE (V)
12
10
8
6
4
2
0
1763 G26
0123
4
5
67
8
9
10
RL = 3Ω
IL = 500mA*
RL = 5Ω
IL = 300mA*
RL = 15Ω
IL = 100mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.5V
INPUT VOLTAGE (V)
12
10
8
6
4
2
0
1763 G27
0123
4
5
67
8
9
10
RL = 3.6Ω
IL = 500mA*
RL = 6Ω
IL = 300mA*
RL = 18Ω
IL = 100mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.8V


Similar Part No. - LT1763MPDE-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763MPS8 LINER-LT1763MPS8 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763MPS8PBF LINER-LT1763MPS8PBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763MPS8TR LINER-LT1763MPS8TR Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763MPS8TRPBF LINER-LT1763MPS8TRPBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763MPDE-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com