Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3111IRHBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3111IRHBR
Description  Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3111IRHBR Datasheet(HTML) 2 Page - Texas Instruments

  TLV320AIC3111IRHBR Datasheet HTML 1Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 2Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 3Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 4Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 5Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 6Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 154 page
background image
Audio Output Stage
Power Management
RC CLK
Digital
Audio
Processing
and
Serial
Interface
DOUT
DIN
BCLK
WCLK
MCLK
PLL
Left and Right Volume-
Control Register
Digital Beep
Generator
Digital
Vol Ctl
Digital Vol
24 dB to
Mute
0 to –63 dB
(1-dB Steps)
miniDSP
SPRP
SPRM
SPLP
SPLM
Class-D Speaker
Driver
6 dB to 24 dB (6-dB Steps)
Class A/B
Headphone/Lineout
Driver
0 dB to 9 dB (1-dB Steps)
Analog Attenuation
0 dB to –78 dB and Mute
(0.5-dB Steps / Nonlinear)
Analog Attenuation
0 dB to –78 dB and Mute
(0.5-dB Steps / Nonlinear)
HPVDD
SPLVDD
SPLVSS
AVDD
AVSS
SPRVSS
SPRVDD
VOL/
MICDET
HPR
HPL
SCL
SDA
GPIO
GPIO1
MIX_R
MIX_L
MIX_R
MIX_L
MIC1LP
DAC_L
MIX_L
DAC_R
MIX_R
RESET
DVDD
DVSS
IOVDD
IOVSS
OSC
RC CLK
MIC1LP
Selectable
Gain/Input
Impedance
VCOM
Selectable
Gain/Input
Impedance
P1/R47
0 to 59.5 dB
(0.5-dB steps)
AGC
MIC1RP
I C
2
2 V/2.5 V/AVDD
MICBIAS
Digital Vol
–12..20 dB
Step = 0.5 dB
Mono ADC
Note: Normally,
MCLK is PLL input;
however, BCLK,
GPIO1, etc., can
also be PLL input.
D S
-
ADC
D S
-
DAC
D S
-
DAC
De-Pop
and
Soft-
Start
P1/R33–R34
P0/R116–R117
S
S
S
S
S
S
S
S
P1/R42
P1/R38
P1/R43
P1/R39
P1/R32
P0/R63
P1/R30
P1/R40
P1/R41
P1/R31
P1/R44
P1/R36
P1/R37
P1/R35
P0/R71
P0/R72
P0/R86–R93
P1/R48
P1/R49
Input CM
P1/R50
B0205-05
P0/
R64–R65
P0/R82–R83
HPVSS
MIC1RP
MIC1LM
miniDSP
7-Bit
Vol
ADC
TLV320AIC3111
SLAS644B – JULY 2009 – REVISED OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Figure 1-1. Functional Block Diagram
2
INTRODUCTION
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLV320AIC3111


Similar Part No. - TLV320AIC3111IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111IRHBR TI-TLV320AIC3111IRHBR Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3111IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com