Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1013440000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1013440000
Description  BLF 5.08/03/180 SN BK BX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1013440000 Datasheet(HTML) 1 Page - Weidmuller

  1013440000 Datasheet HTML 1Page - Weidmuller 1013440000 Datasheet HTML 2Page - Weidmuller 1013440000 Datasheet HTML 3Page - Weidmuller 1013440000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/180 | BLF 5.08/180 SN
- 1 -
General ordering data
Order No.
1013440000
Part designation
BLF 5.08/03/180 SN BK BX
Version
PCB plug-in connector, PUSH IN, Clamping
range, max.: 3.31 mm², Pitch in mm: 5.08 mm, No.
of poles: 3, 180°, Box
EAN
4032248721597
Qty.
120 pc(s).
Packaging
Box
System parameters
Conductor connection system
PUSH IN
Outgoing direction of conductor
180°
Pitch in mm
5.08 mm
Pitch in inch
0.2 inch
No. of poles
3
No. of rows
1
Screwdriver blade
0.6 x 3.5
Screwdriver blade standard
DIN 5264
Stripping length
10 mm
L1 in mm
10.16 mm
L1 in inch
0.4 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 57 106
Safe from finger touch
Material data
Insulating material
PBT
Colour
black
colour chart
Similar to RAL 9011
Flammability class UL 94
V-0
Contact material
CuSn
Contact surface
tinned
Contact base material
CuSn


Similar Part No. - 1013440000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10134 ETC-10134 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10134 HEYCO-10134 Datasheet
113Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Amphenol Corporation
10134160 AMPHENOL-10134160 Datasheet
530Kb / 4P
   Minitek® Pwr 3.0 Connector System Dual Row & Single Row
logo
Amphenol Communications...
10134160 AMPHENOLCS-10134160 Datasheet
395Kb / 2P
   RECEPTACLE CRIMP TERMINAL MINITEK POWER 3.0
Rev. E
10134160 AMPHENOLCS-10134160 Datasheet
362Kb / 3P
   Minitek® Pwr CEM-5 PCIe® Connector System
More results

Similar Description - 1013440000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013690000 WEIDMULLER-1013690000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN OR BX
1014130000 WEIDMULLER-1014130000 Datasheet
77Kb / 4P
   BLF 5.08/03/180LR SN BK BX
1982130000 WEIDMULLER-1982130000 Datasheet
73Kb / 3P
   BLF 5.08/03/270F SN BK BX
1012650000 WEIDMULLER-1012650000 Datasheet
74Kb / 4P
   BLF 5.08/03/180F SN BK BX
1014740000 WEIDMULLER-1014740000 Datasheet
64Kb / 4P
   BLF 5.08/03/180LH SN BK BX
1000040001 WEIDMULLER-1000040001 Datasheet
74Kb / 3P
   BLF 5.08/03/90 SN BK BX
1017680000 WEIDMULLER-1017680000 Datasheet
75Kb / 4P
   BLF 5.00/03/180 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
   BLF 5.08/10/180 SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com