Electronic Components Datasheet Search |
|
TL061CDR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TL061CDR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 42 page TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TL061BC TL062BC TL064BC TL061I TL062I TL064I UNIT MIN TYP MAX MIN TYP MAX VIO Input offset voltage VO = 0, TA = 25°C 2 3 3 6 mV VIO Input offset voltage VO = 0, RS =50 Ω TA = Full range 5 9 mV α V IO Temperature coefficient of input offset voltage VO = 0, RS =50 Ω, TA = Full range 10 10 µV/°C IIO Input offset current VO = 0 TA = 25°C 5 100 5 100 pA IIO Input offset current VO = 0 TA = Full range 3 10 nA IIB Input bias current‡ VO = 0 TA = 25°C 30 200 30 200 pA IIB Input bias current‡ VO = 0 TA = Full range 7 20 nA VICR Common-mode input voltage range TA = 25°C ±11 −12 to 15 ±11 −12 to 15 V VOM Maximum peak output RL = 10 kΩ, TA = 25°C ±10 ±13.5 ±10 ±13.5 V VOM Maximum peak output voltage swing RL ≥ 10 kΩ, TA = Full range ±10 ±10 V AVD Large-signal differential VO = ± 10 V, TA = 25°C 4 6 4 6 V/mV AVD Large-signal differential voltage amplification VO = ± 10 V, RL ≥ 10 kΩ TA = Full range 4 4 V/mV B1 Unity-gain bandwidth RL = 10 kΩ, TA = 25°C 1 1 MHz ri Input resistance TA = 25°C 1012 1012 Ω CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS = 50 Ω, TA = 25°C 80 86 80 86 dB kSVR Supply-voltage rejection ratio VCC = ± 9 V to ± 15 V, VO = 0, RS = 50 Ω 80 95 80 95 dB kSVR ratio ( ∆VCC±/∆VIO) CC VO = 0, RS = 50 Ω, TA = 25°C 80 95 80 95 dB PD Total power dissipation (each amplifier) VO = 0, No load TA = 25°C, 6 7.5 6 7.5 mW ICC Supply current (each amplifier) VO = 0, No load TA = 25°C, 200 250 200 250 µA VO1/VO2 Crosstalk attenuation AVD = 100, TA = 25°C 120 120 dB † All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified. Full range for TA is 0°C to 70°C for TL06_C, TL06_AC, and TL06_BC and −40°C to 85°C for TL06_I. ‡ Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible. |
Similar Part No. - TL061CDR |
|
Similar Description - TL061CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |