Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3L301DGGG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TS3L301DGGG4
Description  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L301DGGG4 Datasheet(HTML) 4 Page - Texas Instruments

  TS3L301DGGG4 Datasheet HTML 1Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 2Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 3Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 4Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 5Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 6Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 7Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 8Page - Texas Instruments TS3L301DGGG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
TS3L301
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH
WITH LOW AND FLAT ON-STATE RESISTANCE
SCDS178C – NOVEMBER 2004 – REVISED APRIL 2006
for 1000 Base-T Ethernet switching over recommended operating free-air temperature range, V
DD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2) MAX
UNIT
VIK
SEL
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VDD = 3.6 V,
VIN = VDD
±1
µA
IIL
SEL
VDD = 3.6 V,
VIN = GND
±1
µA
Ioff
VDD = 0,
VO = 0 to 3.6 V,
VI = 0
1
µA
IDD
VDD = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
µA
CIN
SEL
f = 1 MHz,
VIN = 0
2.5
3
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3.5
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
10
10.9
pF
ron
VDD = 3 V,
1.5 V
≤ V
I ≤ VDD,
IO = –40 mA
4
8
ron(flat)(3)
VDD = 3 V,
VI = 1.5 V and VDD,
IO = –40 mA
0.7
∆r
on
(4)
VDD = 3 V,
1.5 V
≤ V
I ≤ VDD,
IO = –40 mA
0.2
1.2
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
∆r
on is the difference of ron from center (A4, A5) ports to any other port.
for 10/100 Base-T Ethernet switching over recommended operating free-air temperature range, V
DD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VDD = 3.6 V,
VIN = VDD
±1
µA
IIL
SEL
VDD = 3.6 V,
VIN = GND
±1
µA
Ioff
VDD = 0,
VO = 0 to 3.6 V,
VI = 0
1
µA
IDD
VDD = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
µA
CIN
SEL
f = 1 MHz,
VIN = 0
2.5
3
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3.5
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
10
10.9
pF
ron
VDD = 3 V,
1.25 V
≤ V
I ≤ VDD,
IO = –10 mA to –30 mA
4
8
ron(flat)(3)
VDD = 3 V,
VI = 1.25 V and VDD,
IO = –10 mA to –30 mA
0.7
∆r
on
(4)
VDD = 3 V,
1.25 V
≤ V
I ≤ VDD,
IO = –10 mA to –30 mA
0.2
1.2
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
∆r
on is the difference of ron from center (A4, A5) ports to any other port.
4
Submit Documentation Feedback


Similar Part No. - TS3L301DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L301DGGR TI-TS3L301DGGR Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
More results

Similar Description - TS3L301DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com