Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD3004-DC92A Datasheet(PDF) 2 Page - Rohm

Part # KD3004-DC92A
Description  Thick Film Thermal Printhead (300dpi)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD3004-DC92A Datasheet(HTML) 2 Page - Rohm

  KD3004-DC92A Datasheet HTML 1Page - Rohm KD3004-DC92A Datasheet HTML 2Page - Rohm KD3004-DC92A Datasheet HTML 3Page - Rohm KD3004-DC92A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KD3004-DC92A
Data Sheet
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
Equivalent circuit
DI No.
DI1
1 to 384
1 to 384
385 to 640
641 to 896
897 to 1280
385 to 640
641 to 896
897 to 1280
DI2
DI3
DI4
DOT No.
STB No.
STB1
STB2
STB3
STB4
DOT No.
Fig. 1
THERMISTOR
30k
Ω B : 3950K
VH
GND
VDD
LAT
CLK
DI2
DO2
DI3
DO3
DI4
DO4
DI1
STB2
STB3
STB4
STB1
DO1
TM
TM
1280
897
896
641
640
385
384
1
SHIFT
REGISTER
CONNECTOR
SHIFT
REGISTER
SHIFT
REGISTER
SHIFT
REGISTER
DOT #1280
DOT #1
LATCH REGISTER
Pin assignments
TM
TM
DI3
DO3
DI2
DO2
STB2
STB1
DI1
DO1
VH
VH
VH
GND
GND
GND
11
12
13
14
15
16
17
18
19
20
No.
Circuit
No.
1
2
3
4
5
6
Circuit
GND
VDD
GND
VDD
STB4
CLK
DI4
DO4
STB3
LAT
No.
1
2
3
4
5
6
7
8
9
10
Circuit
CONNECTOR A
CONNECTOR B


Similar Part No. - KD3004-DC92A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3004-DC10A ROHM-KD3004-DC10A Datasheet
85Kb / 5P
   Thick Film Thermal Printhead (300dpi)
KD3004-DC10A ROHM-KD3004-DC10A Datasheet
165Kb / 4P
   Thick Film Thermal Printhead (300dpi)
KD3004-DC10A ROHM-KD3004-DC10A_09 Datasheet
165Kb / 4P
   Thick Film Thermal Printhead (300dpi)
KD3004-DC70A ROHM-KD3004-DC70A Datasheet
61Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3004-DC72A ROHM-KD3004-DC72A Datasheet
133Kb / 4P
   Thick film thermal printhead (with thermal historical control)
More results

Similar Description - KD3004-DC92A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3004-DC10A ROHM-KD3004-DC10A Datasheet
85Kb / 5P
   Thick Film Thermal Printhead (300dpi)
KF3004-GL50A ROHM-KF3004-GL50A Datasheet
77Kb / 4P
   Thick Film Thermal Printhead (300DPI)
KF3003-GL50A ROHM-KF3003-GL50A Datasheet
77Kb / 4P
   Thick Film Thermal Printhead (300DPI)
KF3002-GL50A ROHM-KF3002-GL50A Datasheet
75Kb / 4P
   Thick Film Thermal Printhead (300DPI)
KD3002-DC10A ROHM-KD3002-DC10A Datasheet
84Kb / 5P
   Thick Film Thermal Printhead(300dpi)
KD3004-DC10A ROHM-KD3004-DC10A_09 Datasheet
165Kb / 4P
   Thick Film Thermal Printhead (300dpi)
KD3003-DC10A ROHM-KD3003-DC10A Datasheet
86Kb / 5P
   Thick Film Thermal Printhead (300dpi)
KD3002-DC92A ROHM-KD3002-DC92A Datasheet
122Kb / 4P
   Thick Film Thermal Printhead (300dpi)
KD3003-DC92A ROHM-KD3003-DC92A Datasheet
125Kb / 4P
   Thick Film Thermal Printhead(300dpi)
KD3003-DC70A ROHM-KD3003-DC70A Datasheet
61Kb / 4P
   Thick film thermal printhead Thick film thermal printhead
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com